Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3162F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH3162F
Description  Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3162F Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH3162F Datasheet HTML 1Page - OSRAM GmbH SFH3162F Datasheet HTML 2Page - OSRAM GmbH SFH3162F Datasheet HTML 3Page - OSRAM GmbH SFH3162F Datasheet HTML 4Page - OSRAM GmbH SFH3162F Datasheet HTML 5Page - OSRAM GmbH SFH3162F Datasheet HTML 6Page - OSRAM GmbH SFH3162F Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 3162 F
2007-08-08
5
Relative Spectral Sensitivity
S
rel = f (λ)
Total Power Dissipation
P
tot = f (TA)
OHF02373
0
600
λ
nm
rel
S
20
40
60
80
100
%
700
800
900
1100
10
30
50
70
Photocurrent
I
PCE = f (Ee), VCE = 5 V
Collector-Emitter Capacitance
C
CE = f (VCE), f = 1 MHz, E = 0
OHF02376
I
0
PCE
µA
0.2
0.4
0.6
1.2
mW/cm
2
0
200
400
600
800
1200
EE
OHF02377
0
CE
V
-3
10
-2
10
-1
10
0
10
1
10
2
10
V
pF
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
CCE
Photocurrent
I
PCE = f (VCE)
OHF02375
I
CE
V
0
PCE
µA
10
1
2
10
3
10
5
10
15
20
25
30
V
0.5 mW/cm
2
0.25 mW/cm
2
0.1 mW/cm
2


Similar Part No. - SFH3162F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3163F OSRAM-SFH3163F Datasheet
243Kb / 7P
   Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
More results

Similar Description - SFH3162F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3163F OSRAM-SFH3163F Datasheet
243Kb / 7P
   Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
logo
Siemens Semiconductor G...
SFH235FA SIEMENS-SFH235FA Datasheet
85Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA SIEMENS-BPW34FA Datasheet
48Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
   NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
   NPN-Silizium-Fototransistor
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
   NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com