Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3400 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH3400
Description  Smart DIL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3400 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH3400 Datasheet HTML 1Page - OSRAM GmbH SFH3400 Datasheet HTML 2Page - OSRAM GmbH SFH3400 Datasheet HTML 3Page - OSRAM GmbH SFH3400 Datasheet HTML 4Page - OSRAM GmbH SFH3400 Datasheet HTML 5Page - OSRAM GmbH SFH3400 Datasheet HTML 6Page - OSRAM GmbH SFH3400 Datasheet HTML 7Page - OSRAM GmbH SFH3400 Datasheet HTML 8Page - OSRAM GmbH SFH3400 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2016-04-01
2
Version 1.3
SFH 3400
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Collector-emitter voltage
V
CE
20
V
Collector-emitter voltage
(t < 2 min)
V
CE
70
V
Collector current
I
C
50
mA
Collector surge current
(τ < 10 µs)
ICS
100
mA
Emitter-collector voltage
VEC
7
V
Total Power dissipation
Ptot
120
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Thermal resistance for mounting on pcb
R
thJA
450
K/W
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
850
nm
Spectral range of sensitivity
(typ)
λ10%
(typ) 460
... 1080
nm
Radiant sensitive area
(typ)
A
0.55
mm
2
Dimensions of chip area
(typ)
L x W
(typ) 1 x 1 mm x
mm
Half angle
(typ)
ϕ
± 60
°
Capacitance
(V
CE = 5 V, f = 1 MHz, E = 0)
(typ)
C
CE
10
pF
Dark current
(VCE = 10 V, E = 0)
(typ (max)) I
CE0
3 (≤ 100)
nA


Similar Part No. - SFH3400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400-2 SIEMENS-SFH3400-2 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400-3 SIEMENS-SFH3400-3 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - SFH3400

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
   Schmitt-Trigger IC in Smart DIL Package
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
   Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
   Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
logo
Precid-Dip Durtal SA
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
150-80-316-00-006101 PREDIP-150-80-316-00-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
150-10-632-00-001101 PREDIP-150-10-632-00-001101 Datasheet
20Kb / 3P
   DIL SOCKETS
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com