Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3716 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH3716
Description  Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3716 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH3716 Datasheet HTML 4Page - OSRAM GmbH SFH3716 Datasheet HTML 5Page - OSRAM GmbH SFH3716 Datasheet HTML 6Page - OSRAM GmbH SFH3716 Datasheet HTML 7Page - OSRAM GmbH SFH3716 Datasheet HTML 8Page - OSRAM GmbH SFH3716 Datasheet HTML 9Page - OSRAM GmbH SFH3716 Datasheet HTML 10Page - OSRAM GmbH SFH3716 Datasheet HTML 11Page - OSRAM GmbH SFH3716 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Version 1.3
SFH 3716
2016-02-29
9
Transportation Packing and Materials
Dimensions of transportation box in mm
Width
Length
Height
200 ± 5
195 ± 5
30 ± 5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label


Similar Part No. - SFH3716

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH3716 AMSCO-SFH3716 Datasheet
861Kb / 16P
   Chip LED Silicon NPN Phototransistor with Vλ Characteristics
Version 1.6 2021-10-01
More results

Similar Description - SFH3716

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3716 OSRAM-SFH-3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410R OSRAM-SFH-3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3711 OSRAM-SFH3711 Datasheet
268Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com