Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZFSC-6-1-75 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZFSC-6-1-75
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSC-6-1-75 Datasheet(HTML) 1 Page - Mini-Circuits

  ZFSC-6-1-75 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
Typical Performance Data
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,4,5,6
1,2,3,4,5,6
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.5W max.
Outline Drawing
ZFSC-6-1-75+
ZFSC-6-1-75
6 Way-0°
75Ω
1 to 200 MHz
Power Splitter/Combiner
REV. D
M151107
ZFSC-6-1-75
HY/TD/CP/AM
151020
Coaxial
CASE STYLE: Q28
Connectors Model
BNC
ZFSC-6-1-75(+)
Features
• low insertion loss, 0.75 dB typ.
• good isolation, 26 dB typ.
• rugged shielded case
Applications
• VHF
• receivers and transmitters
• instrumentation
electrical schematic
ZFSC-6-1-75
TOTAL LOSS
8.0
8.2
8.4
8.6
8.8
9.0
0
40
80
120
160
200
FREQUENCY (MHz)
S-1(dB)
S-3(dB)
S-5(dB)
ZFSC-6-1-75
ISOLATION
10
20
30
40
50
60
70
80
0
40
80
120
160
200
FREQUENCY (MHz)
1-2(dB)
1-3(dB)
1-6(dB)
ZFSC-6-1-75
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
0
40
80
120
160
200
FREQUENCY (MHz)
#S VSWR
#1 VSWR
#3 VSWR
BNC version shown
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Outline Dimensions (
)
A
B
C
D
E
FG
H
4.06
1.60
1.57
3.56
.24
.88
.36
.160
103.12
40.64
39.88
90.42
6.10
22.35
9.14
4.06
J
K
L
M
N
P
Q
wt
.43
.69
.58
.66
3.13
.8
.125 grams
10.92
17.53
14.73
16.76
79.50
20.32
3.18
190.0
inch
mm
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
3
S-1
S-3
S-5
1-2
1-3
1-6
1.00
8.28
8.26
8.31
0.05
32.54
31.31
39.43
0.66
1.20
1.05
1.05
5.50
8.15
8.14
8.15
0.03
31.77
31.40
54.26
0.15
1.18
1.03
1.03
8.20
8.16
8.15
8.16
0.03
31.79
31.50
60.29
0.09
1.18
1.04
1.04
18.00
8.19
8.19
8.18
0.03
31.87
31.73
68.17
0.21
1.15
1.07
1.07
42.00
8.25
8.26
8.25
0.02
31.92
31.77
58.01
0.41
1.03
1.09
1.09
66.00
8.27
8.27
8.26
0.04
31.55
31.39
54.67
0.67
1.07
1.09
1.08
90.00
8.32
8.32
8.30
0.03
30.91
30.81
52.78
0.85
1.09
1.05
1.04
93.00
8.33
8.33
8.31
0.02
30.82
30.74
52.08
0.84
1.09
1.04
1.04
96.00
8.33
8.33
8.31
0.03
30.72
30.63
51.39
0.89
1.09
1.03
1.03
99.00
8.33
8.36
8.31
0.05
30.59
30.50
51.19
0.93
1.08
1.03
1.02
110.00
8.34
8.35
8.31
0.04
30.25
30.13
50.51
1.08
1.06
1.01
1.01
130.00
8.38
8.39
8.35
0.05
29.45
29.45
48.83
1.24
1.02
1.05
1.05
160.00
8.42
8.45
8.37
0.09
28.28
28.36
45.83
1.55
1.07
1.09
1.09
190.00
8.46
8.50
8.38
0.12
27.13
27.29
43.07
1.95
1.10
1.07
1.07
200.00
8.47
8.51
8.38
0.13
26.75
26.94
42.04
2.08
1.09
1.06
1.06
1. Total Loss = Insertion Loss + 7.8dB splitter loss.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 7.8 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Max.
Typ. Max.
Typ. Max.
Max.
Max.
Max.
Max.
Max.
Max.
1-200
30
25
30
22
20
18
0.75 1.0
0.75 1.0
0.9 1.2
2
6
12
0.2
0.4
0.6


Similar Part No. - ZFSC-6-1-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFSC-6-1-S++ MINI-ZFSC-6-1-S+ Datasheet
208Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - ZFSC-6-1-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com