Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC126M1R Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC126M1R
Description  QUAD BUS BUFFER (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC126M1R Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC126M1R Datasheet HTML 1Page - STMicroelectronics M74HC126M1R Datasheet HTML 2Page - STMicroelectronics M74HC126M1R Datasheet HTML 3Page - STMicroelectronics M74HC126M1R Datasheet HTML 4Page - STMicroelectronics M74HC126M1R Datasheet HTML 5Page - STMicroelectronics M74HC126M1R Datasheet HTML 6Page - STMicroelectronics M74HC126M1R Datasheet HTML 7Page - STMicroelectronics M74HC126M1R Datasheet HTML 8Page - STMicroelectronics M74HC126M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M74HC126
3/10
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
VOH
High Level Output
Voltage
2.0
IO=-20 µA
1.9
2.0
1.9
1.9
V
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
6.0
IO=-20 µA
5.9
6.0
5.9
5.9
4.5
IO=-6.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-7.8 mA
5.68
5.8
5.63
5.60
VOL
Low Level Output
Voltage
2.0
IO=20 µA
0.0
0.1
0.1
0.1
V
4.5
IO=20 µA
0.0
0.1
0.1
0.1
6.0
IO=20 µA
0.0
0.1
0.1
0.1
4.5
IO=6.0 mA
0.17
0.26
0.33
0.40
6.0
IO=7.8 mA
0.18
0.26
0.33
0.40
II
Input Leakage
Current
6.0
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
6.0
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 5
± 10
µA
ICC
Quiescent Supply
Current
6.0
VI = VCC or GND
440
80
µA


Similar Part No. - M74HC126M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC126M1R STMICROELECTRONICS-M74HC126M1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results

Similar Description - M74HC126M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
   QUAD BUS BUFFER (3-STATE)
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
   RAD-HARD QUAD BUS BUFFER (3-STATE)
logo
Renesas Technology Corp
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com