Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC126RM13TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC126RM13TR
Description  QUAD BUS BUFFER (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC126RM13TR Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC126RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HC126
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 10, 13
1G TO 4G
Output Enable Input
2, 5, 9, 12
1A TO 4A
Data Inputs
3, 6, 8, 11
1Y TO 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AGY
XLZ
LHL
HH
H
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 35
mA
ICC or IGND DC VCC or Ground Current
± 70
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
ns
VCC = 6.0V
0 to 400
ns


Similar Part No. - M74HC126RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126B1R STMICROELECTRONICS-M74HC126B1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126C1R STMICROELECTRONICS-M74HC126C1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126F1R STMICROELECTRONICS-M74HC126F1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126M1R STMICROELECTRONICS-M74HC126M1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results

Similar Description - M74HC126RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
   QUAD BUS BUFFER (3-STATE)
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
   RAD-HARD QUAD BUS BUFFER (3-STATE)
logo
Renesas Technology Corp
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com