Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGCT04LH1T Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MGCT04LH1T
Description  Transmit Circuit for TDMA/AMPS and CDMA/AMPS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT04LH1T Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MGCT04LH1T Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 9Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 10Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 11Page - Zarlink Semiconductor Inc MGCT04LH1T Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary Information
MGCT04
9
2n2
10n
68p
Pin 21
a) UHF LO 1GHz
Figure 7 - Typical circuit showing connection of external VHF oscillator
Figure 8 - LO Input Test Circuits
Note:
Test signal generator impedance
is 50 ohms in each case
Frequency
Synthesizer
Vee
VHF OSC IN (9)
VHF OSC BIAS (10)
DIV OUT (7)
MGCT04
VCO control
voltage
2p
3n3
5p6
Pin 19
b) UHF LO 2GHz
39n
4n7
Pin 9
8P
c) VHF LO


Similar Part No. - MGCT04LH1T

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1S ZARLINK-MGCT02/KG/QP1S Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1T ZARLINK-MGCT02/KG/QP1T Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT03 ZARLINK-MGCT03 Datasheet
366Kb / 11P
   Transmit Circuit for TDMA/AMPS
MGCT03KG ZARLINK-MGCT03KG Datasheet
366Kb / 11P
   Transmit Circuit for TDMA/AMPS
More results

Similar Description - MGCT04LH1T

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT03 ZARLINK-MGCT03 Datasheet
366Kb / 11P
   Transmit Circuit for TDMA/AMPS
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
Transko Electronics, In...
TF-8010-ND TRANSKO-TF-8010-ND Datasheet
375Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
TF-8011-ND TRANSKO-TF-8011-ND Datasheet
378Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
logo
Zarlink Semiconductor I...
MGCM01 ZARLINK-MGCM01 Datasheet
397Kb / 18P
   TDMA/AMPS Baseband Interface
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
logo
KEC(Korea Electronics)
KF836FU KEC-KF836FU Datasheet
443Kb / 5P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR TX OF AMPS/TDMA/CDMA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com