Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD09B Datasheet(PDF) 6 Page - BeRex Corporation

Part # BD09B
Description  Dedicated Band 2-Way SMT Power Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD09B Datasheet(HTML) 6 Page - BeRex Corporation

  BD09B_18 Datasheet HTML 1Page - BeRex Corporation BD09B_18 Datasheet HTML 2Page - BeRex Corporation BD09B_18 Datasheet HTML 3Page - BeRex Corporation BD09B_18 Datasheet HTML 4Page - BeRex Corporation BD09B_18 Datasheet HTML 5Page - BeRex Corporation BD09B_18 Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dedicated Band 2-Way SMT Power Divider
BD09B
700~1000MHz Cellular & GSM900
6
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
MSL / ESD Rating
MSL Rating:
Standard:
Level 3 at +265°C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
2
N
9
6
F


Similar Part No. - BD09B_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
More results

Similar Description - BD09B_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_18 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
169Kb / 4P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD09B BEREX-BD09B Datasheet
262Kb / 5P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
   Quadruple Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com