Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C161RI Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SAF-C161RI
Description  16-Bit CMOS Single-Chip Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C161RI Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SAF-C161RI Datasheet HTML 1Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 2Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 3Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C161RI Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Semiconductor Group
3
1998-05-01
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
125 ns Instruction Cycle Time at 16 MHz CPU Clock
q
625 ns Multiplication (16
× 16 bits), 1.25 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Additional Instructions to Support HLL and Operating Systems
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Clock Generation via Prescaler or via Direct Clock Input
q
Up to 8 MBytes Linear Address Space for Code and Data
q
1 KByte On-Chip Internal RAM (IRAM)
q
2 KBytes On-Chip Extension RAM (XRAM)
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Bus
q
5 Programmable Chip-Select Signals
q
1024 Bytes On-Chip Special Function Register Area
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System, 11 External Interrupts
q
4-Channel 8-bit A/D Converter, conversion time down to 7.625
µs
q
2 Multi-Functional General Purpose Timer Units with five 16-bit Timers
q
Synchronous/Asynchronous Serial Channel (USART)
q
High-Speed Synchronous Serial Channel
q I2C Bus Interface (10-bit Addressing, 400 KHz) with 2 Channels (multiplexed)
q
Up to 76 General Purpose I/O Lines
q
Programmable Watchdog Timer
q
On-Chip Real Time Clock
q
Idle and Power Down Modes with Flexible Power Management
q
Ambient temperature range – 40 to 85
°C
q
Supported by a Large Range of Development Tools like C-Compilers, Macro-Assembler
Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer
Disassemblers, Programming Boards
q
On-Chip Bootstraploader
q
100-Pin MQFP / TQFP Package
This document describes the SAB-C161RI-LM, the SAB-C161RI-LF, the SAF-C161RI-LM and the
SAB-C161RI-LF.
For simplicity all versions are referred to by the term C161RI throughout this document.
C166-Family of
High-Performance CMOS 16-Bit Microcontrollers
Preliminary
C161RI
16-Bit Microcontroller
C161RI


Similar Part No. - SAF-C161RI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C161K INFINEON-SAF-C161K Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161K-L25M INFINEON-SAF-C161K-L25M Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161K-LM INFINEON-SAF-C161K-LM Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161K-LM3V INFINEON-SAF-C161K-LM3V Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAF-C161O INFINEON-SAF-C161O Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
More results

Similar Description - SAF-C161RI

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
C167CR SIEMENS-C167CR Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SAB80C166 SIEMENS-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com