Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-26 Datasheet(PDF) 1 Page - Sanken electric

Part # FMB-26
Description  Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-26 Datasheet(HTML) 1 Page - Sanken electric

  FMB-26 Datasheet HTML 1Page - Sanken electric FMB-26 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
38
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
Schottky Barrier Diodes
60V
4.5±0.2
2.0min
1.35±0.4
1.35±0.4
5.1
1.1±0.2
1.5±0.2
+0.4
–0.1
Package
Part Number
VRM
(V)
IF (AV)
(A)
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IR
(mA)
IR (H)
(mA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
Surface Mount
Axial
Frame-2Pin
Center-tap
Bridge
60
0.7
1.5
2.0
2.0
5.0
6.0
0.7
0.7
1.5
1.5
2.0
3.5
6.0
4.0
10
10
15
20
30
30
4.0
SFPB-56
SFPW-56
SFPB-66
SFPB-76
SPB-G56S
SPB-66S
AK 06
EK 06
EK 16
RK 16
RK 36
RK 46
FMB-G16L
FMB-26
FMB-26L
FME-2106
FMB-36
FMB-2206
FMB-2306
FMB-36M
RBV-406B
0.7
1.5
2.0
2.0
5.0
3.0
0.7
0.7
1.5
1.5
2.0
3.5
5.0
2.0
5.0
5.0
7.5
10.0
15
15.0
2.0
1
1
1
2
3
1
1
1
1
1
2
3
5
1
2.5
1
5
8
8
10
2
20
20
20
20
5
5
22
20
17
15
12
8
4
4
4
4
2
4
4
2
5
82
95
83
84
85
86
87
88
89
91
95
94
91
92
94
95
0.072
0.072
0.072
0.072
0.29
0.29
0.13
0.3
0.3
0.45
0.6
1.2
2.1
2.1
2.1
2.1
5.5
2.1
2.1
5.5
4.25
10
25
25
40
60
40
10
10
25
25
40
70
50
40
50
60
100
150
150
150
40
7.5
70
15
20
125
70
7.5
7.5
15
15
20
35
50
20
50
35
75
275
400
150
20
100
150 (Tj)
100
100
150
150
100
100
100
100
100
100
100
100
100
150 (Tj)
100
150
150 (Tj)
100
100
0.62
0.7
0.69
0.62
0.7
0.7
0.62
0.62
0.62
0.62
0.62
0.62
0.62
0.62
0.62
0.72
0.62
0.7
0.7
0.62
0.62
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
Rth (j- )
Rth (j- c)
(
°C/W)
Fig.
No.
6.5±0.4
2.3±0.4
5.4
4.9
4.1
5.4±0.4
0.8±
0.1
0.8
1.5 max
±0.1
0.55 ±0.1
0.55±0.1
1.15±0.1
2.29±0.52.29±0.5
0 to 0.25
2.9
a: Part Number
b: Polarity
c: Lot No.
(Common to backside of case)
N.C
1 Chip
Anode
Cathode
Anode
Center-tap
Anode
Cathode (Common)
a
b
c
7.5±0.1 7.5±0.1
7.5±0.1
12.5±0.2
4.6±0.2
3.6±0.2
C3
1
+0.2
–0.1
+0.2
–0.1
0.7
2.7±0.1
Surface Mount
Center-tap
25±0.2


Similar Part No. - FMB-26

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-26 SANKEN-FMB-26 Datasheet
39Kb / 2P
   Schottky Barrier Diodes 60V
FMB-26L SANKEN-FMB-26L Datasheet
39Kb / 2P
   Schottky Barrier Diodes 60V
More results

Similar Description - FMB-26

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com