Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPAW60R180P7S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPAW60R180P7S
Description  600V CoolMOS짧 P7 Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAW60R180P7S Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPAW60R180P7S Datasheet HTML 1Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 2Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 3Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 4Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 5Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 6Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 7Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 8Page - Infineon Technologies AG IPAW60R180P7S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
600VCoolMOSªP7PowerTransistor
IPAW60R180P7S
Rev.2.1,2017-03-01
Final Data Sheet
3Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
600
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
V(GS)th
3
3.5
4
V
VDS=VGS,ID=0.28mA
Zero gate voltage drain current
IDSS
-
-
-
10
1
-
µA
VDS=600,VGS=0V,Tj=25°C
VDS=600,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
-
-
1000
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.145
0.34
0.180
-
VGS=10V,ID=5.6A,Tj=25°C
VGS=10V,ID=5.6A,Tj=150°C
Gate resistance
RG
-
11
-
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
1081
-
pF
VGS=0V,VDS=400V,f=250kHz
Output capacitance
Coss
-
19
-
pF
VGS=0V,VDS=400V,f=250kHz
Effective output capacitance, energy
related
1)
Co(er)
-
33
-
pF
VGS=0V,VDS=0...400V
Effective output capacitance, time
related
2)
Co(tr)
-
315
-
pF
ID=constant,VGS=0V,VDS=0...400V
Turn-on delay time
td(on)
-
14
-
ns
VDD=400V,VGS=13V,ID=5.6A,
RG=10
Ω;seetable9
Rise time
tr
-
12
-
ns
VDD=400V,VGS=13V,ID=5.6A,
RG=10
Ω;seetable9
Turn-off delay time
td(off)
-
85
-
ns
VDD=400V,VGS=13V,ID=5.6A,
RG=10
Ω;seetable9
Fall time
tf
-
8
-
ns
VDD=400V,VGS=13V,ID=5.6A,
RG=10
Ω;seetable9
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
6
-
nC
VDD=400V,ID=5.6A,VGS=0to10V
Gate to drain charge
Qgd
-
8
-
nC
VDD=400V,ID=5.6A,VGS=0to10V
Gate charge total
Qg
-
25
-
nC
VDD=400V,ID=5.6A,VGS=0to10V
Gate plateau voltage
Vplateau
-
5.2
-
V
VDD=400V,ID=5.6A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to400V
2)Co(tr)isafixedcapacitancethatgivesthesamechargingtimeasCosswhileVDSisrisingfrom0to400V


Similar Part No. - IPAW60R180P7S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPAW60R190CE INFINEON-IPAW60R190CE Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results

Similar Description - IPAW60R180P7S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R080P7 INFINEON-IPB60R080P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R120P7 INFINEON-IPB60R120P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R280P7 INFINEON-IPB60R280P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPD60R180P7S INFINEON-IPD60R180P7S Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-06-12
IPL60R125P7 INFINEON-IPL60R125P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R080P7 INFINEON-IPA60R080P7 Datasheet
985Kb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-05-18
IPD60R280P7S INFINEON-IPD60R280P7S Datasheet
921Kb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-04-25
IPL60R085P7 INFINEON-IPL60R085P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R360P7 INFINEON-IPA60R360P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-02
IPL60R185P7 INFINEON-IPL60R185P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com