Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40167 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL40167
Description  High Output Current High Speed Dual Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40167 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL40167 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40167 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ZL40167
Data Sheet
2
Zarlink Semiconductor Inc.
Description
The ZL40167 is a low cost voltage feedback opamp capable of driving signals to within 1V of the power supply rails.
It features low noise and low distortion accompanied by a high output current which makes it ideally suited for the
application as an xDSL line driver. The dual opamp can be connected as a differential line driver delivering signals
up to 18.8Vpp swing into a 25
Ω load, fully supporting the peak upstream power levels for upstream full-rate ADSL
(Asymmetrical Digital Subscriber Line).
The wide bandwidth, high power output and low differential gain and phase figures make the ZL40167 ideally suited
for a wide variety of video driver applications.
Application Notes
The ZL40167 is a high speed, high output current, dual operational amplifier with a high slew rate and low
distortion. The device uses conventional voltage feedback for ease of use and more flexibility. These characteristics
make the ZL40167 ideal for applications where driving low impedances of 25 to 100
Ω such as xDSL and active
filters.
The figure below shows a typical ADSL application utilising a 1:2 transformer, the feedback path provides a
Gain = +2.
Figure 2 - A Typical ADSL Application
A class AB output stage allows the ZL40167 to deliver high currents to low impedance loads with low distortion
while consuming low quiescent current.
Note: the high ESD immunity figure of 4kV may mean that in some designs fewer additional EMC protection
components are needed thus reducing total system costs.
The ZL40167 is not limited to ADSL applications and can be used as a general purpose opamp configured with
either inverting or non-inverting feedback. The figure below shows non-inverting feedback arrangement that has
typically been used to obtain the data sheet specifications.
100R
Rg
Rf1
Rf2
12R5
12R5


Similar Part No. - ZL40167

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40162/DCA ZARLINK-ZL40162/DCA Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40162/DCB ZARLINK-ZL40162/DCB Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40166DCA ZARLINK-ZL40166DCA Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results

Similar Description - ZL40167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com