Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1K60-72 Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # GS1K60-72
Description  PURE-SINEWAVE DC-AC INVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

GS1K60-72 Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  GS1K60-72 Datasheet HTML 1Page - Nova Electric. All Rights Reserved. GS1K60-72 Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
NOVA ELECTRIC
SPECIFICATIONS
APPLICATIONS
ELECTRICAL
PROTECTIVE FEATURES
ENVIRONMENTAL
MODEL SELECTION
RUGGED PURE SINEWAVE DC-AC INVERTER
CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
Input: 62 - 84VDC
Output: specify 120 or 220VAC 1Ø
(Three-Phase Output Optional)
Frequency: Specify 50, 60, or 400Hz
Voltage Regulation: ± 2% NL to FL
Frequency Regulation: ± 0.5% NL to FL
Harmonic Distortion: 5% THD
Power Factor: 0.7 lead to 0.7 lag
Efficiency at full load: 75-88% typical
Overload: 125% for 5 minutes
Current Limit, Short Circuit Protection,
Thermal Protection, Semiconductor
Protection, and (Optional) ISFN
Operating Temp.: -20° to +50°C
Storage Temp. Range: -40° to +71°C
Humidity: to 95% non-condensing
Elevation: 15,000 Ft. (4,572m) operating;
40,000 ft. (12,192m) non-operating
Shock: 20g for 11mS half sinewave
Audible Noise: Less than 55 dbA at 5 ft.
OPTIONS
Ruggedization
Chassis Slides (GS Models 1-5KVA)
NEMA Cabinet Enclosures
Additional Meters
Input Transient Filter (ISFN)
Transfer Switch
MTBF: 100,000 Hours
MTBR: 30 Minutes (assuming qualified tech)
Output Volt & Amp Meters (GS/GH Models)
Input Power On Lamp (GS/GH Models)
STANDARD INDICATORS
HIGH-RELIABILITY
MODELS
OUTPUT
POWER
WEIGHT
(LBS)
DIMENSIONS
H x W x D (Inches)
5.25 x 19.00 x 22.00
5.25 x 19.00 x 22.00
5.25 x 19.00 x 22.00
8.75 x 19.00 x 23.00
8.75 x 19.00 x 23.00
8.75 x 19.00 x 23.00
87
105
120
125
130
140
1KVA
1.5 KVA
2KVA
2.5 KVA
3KVA
5KVA
GS1K60-72
GS1.5K60-72
GS2K60-72
GS2.5K60-72
GS3K60-72
GS5K60-72
0.120
22.00
16.77
5.218
5.218
CHASSIS SLIDES (BOTH SIDES)
GENERAL DEVICES
P/N: CTS-120
(OPTIONAL)
19.00
AIR INTAKE
(BOTH SIDES)
SEE TOP COVER
SCREEN BELOW
FOR DETAILS
.344
2.25
1.48
18.312
AIR EXHAUST FAN
REAR VIEW
TERMINAL BLOCK 7-142
SCREW SIZE #8-32
NOTES:
1. ALL DIMENSIONS ARE IN INCHES.
2. EXTERIOR ANSI# 61 GRAY SEMI-GLOSS.
3. HANDLES PROJECT 1.50 INCHES FROM PANEL SURFACE.
4. CHASSIS SLIDES OPTIONAL.
TYPICAL 1-2KVA GS SERIES CHASSIS
The transformer isolated Galaxy Series Inverters are
extremely rugged by design, and feature an optional
advanced Internal Suppression Filter Network
(ISFN) to suppress the significant transients usually
associated with rail and military applications.
The units are also extremely reliable, designed to
provide many years of service in harsh shock,
vibration, humidity, and EMI environments.


Similar Part No. - GS1K60-72

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
GS1K60-120 NOVA-GS1K60-120 Datasheet
292Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results

Similar Description - GS1K60-72

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGD3.5K NOVA-CGD3.5K Datasheet
497Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP2K NOVA-CGP2K Datasheet
485Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
G5060-240 NOVA-G5060-240 Datasheet
499Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
RCGL3K-24-120 NOVA-RCGL3K-24-120 Datasheet
626Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP1K NOVA-CGP1K Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-120 NOVA-GH5060-120 Datasheet
454Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-72 NOVA-GH5060-72 Datasheet
470Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP3K NOVA-CGP3K Datasheet
495Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
1260-120 NOVA-1260-120 Datasheet
292Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com