Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

316-41-156-41-006000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

Part No. 316-41-156-41-006000
Description  Interconnect Socket Elevated Strip Socket
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MILL-MAX [Mill-Max Mfg. Corp.]
Homepage  http://www.mill-max.com
Logo 

316-41-156-41-006000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
 Product Number: 316-41-156-41-006000
Description:
Interconnect Socket
Elevated Strip Socket
Accepts .015"- .025" (0,38 - 0,635
mm) dia leads
Single Row
Through Hole
Plating Code:
41
Shell Plating:
200 μ" Tin (matte finish) over 100
μ" Nickel
Inner Contact Plating:
10 μ" Gold over 50 μ" Nickel
#
Of
Pins
Mill-Max
Part
Number
RoHS
Compliant
56
316-41-156-41-006000
 CONTACT:
Contact Used: #30, Standard 4 Finger Contact
Current Rating = 3 Amps
BERYLLIUM COPPER ALLOY 172 (UNS C17200) per ASTM B 194
Properties of BERYLLIUM COPPER:
Chemical composition: Cu 98.1%, Be 1.9%
Temper as stamped: TD01
Properties after heat treatment (TH01):
Hardness: 36-43 Rockwell C
Mechanical Life: 1000 Cycles Min.
Density: .298 lbs/in3
Electrical Conductivity: 22% IACS*
Resistance: 10 miliohms Max
Operating Temperature: -55°C/+125°C
Melting point: 980°C/865°C (liquidus/solidus)
Stress Relaxation†: 96% of stress remains after 1,000 hours @ 100 °C; 70% of stress remains after 1,000 hours
@ 200 °C
*International Annealed Copper Standard, i.e. as a % of pure copper.
†Since BeCu loses its spring properties over time at high temperatures; it is rated for continuous use up to 150°C. For
applications up to 300°C, Mill-Max offers many contacts in Beryllium Nickel. Contact Tech Support for more info.
 LOOSE PIN:
Pin Used: 0153 (Brass Alloy)
Mill-Max Mfg. Corp. Datasheet — Last Modified 5/14/2018
Page 1 of 3


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn