Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2701SA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2701SA
Description  DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2701SA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2701SA Datasheet HTML 1Page - Advanced Linear Devices ALD2701SA Datasheet HTML 2Page - Advanced Linear Devices ALD2701SA Datasheet HTML 3Page - Advanced Linear Devices ALD2701SA Datasheet HTML 4Page - Advanced Linear Devices ALD2701SA Datasheet HTML 5Page - Advanced Linear Devices ALD2701SA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD2701A/ALD2701B
Advanced Linear Devices
4
ALD2701
Design & Operating Notes:
1. The ALD2701 CMOS operational amplifier uses a 3 gain stage
architecture and an improved frequency compensation scheme to
achieve large voltage gain, high output driving capability, and better
frequency stability. In a conventional CMOS operational amplifier
design, compensation is achieved with a pole splitting capacitor
together with a nulling resistor. This method is, however, very bias
dependent and thus cannot accommodate the large range of supply
voltage operation as is required from a stand alone CMOS operational
amplifier. The ALD2701 is internally compensated for unity gain
stability using a novel scheme that does not use a nulling resistor. This
scheme produces a clean single pole roll off in the gain characteristics
while providing for more than 70 degrees of phase margin at the unity
gain frequency.
2. The ALD2701 has complementary p-channel and n-channel input
differential stages connected in parallel to accomplish rail to rail input
common mode voltage range. This means that with the ranges of
common mode input voltage close to the power supplies, one of the
two differential stages is switched off internally. To maintain com-
patibility with other operational amplifiers, this switching point has
been selected to be about 1.5V below the positive supply voltage.
Since offset voltage trimming on the ALD2701 is made when the input
voltage is symmetrical to the supply voltages, this internal switching
does not affect a large variety of applications such as an inverting
amplifier or non-inverting amplifier with a gain larger than 2.5 (5V
operation), where the common mode voltage does not make excur-
sions above this switching point. The user should however, be aware
that this switching does take place if the operational amplifier is
connected as a unity gain buffer, and should make provision in his
design to allow for input offset voltage variations.
3. The input bias and offset currents are essentially input protection
diode reverse bias leakage currents, and are typically less than 1pA
at room temperature. This low input bias current assures that the
analog signal from the source will not be distorted by input bias
currents. Normally, this extremely high input impedance of greater
than 1012
Ω would not be a problem as the source impedance would
limit the node impedance. However, for applications where source
impedance is very high, it may be necessary to limit noise and hum
pickup through proper shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors as
determined by the bias circuitry, and the value of the load resistor.
When connected in the voltage follower configuration, the oscillation
resistant feature, combined with the rail to rail input and output feature,
makes an effective analog signal buffer for medium to high source
impedance sensors, transducers, and other circuit networks.
5. The ALD2701 operational amplifier has been designed to provide full
static discharge protection. Internally, the design has been carefully
implemented to minimize latch up. However, care must be exercised
when handling the device to avoid strong static fields that may
degrade a diode junction, causing increased input leakage currents.
In using the operational amplifier, the user is advised to power up the
circuit before, or simultaneously with, any input voltages applied and
to limit input voltages not to exceed 0.3V of the power supply voltage
levels.
6. The ALD2701, with its micropower operation, offers numerous benefits
in reduced power supply requirements, less noise coupling and
current spikes, less thermally induced drift, better overall reliability
due to lower self heating, and lower input bias current. It requires
practically no warm up time as the chip junction heats up to only 0.2
°C
above ambient temperature under most operating conditions.
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±800
±400
±600
0
±200
0
±1
±2
±3
±4
±5
±6
TA = -55°C
-25
°C
+25
°C
+70
°C
+125
°C
INPUTS GROUNDED
OUTPUT UNLOADED
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
10M
LOAD RESISTANCE (
Ω)
10K
100K
1M
1000
100
10
1
VS = ±2.5V
TA = 25°C
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
10000
VS = ±2.5V


Similar Part No. - ALD2701SA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2701SAL ALD-ALD2701SAL Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2701SA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com