Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2701PA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2701PA
Description  DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2701PA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2701PA Datasheet HTML 1Page - Advanced Linear Devices ALD2701PA Datasheet HTML 2Page - Advanced Linear Devices ALD2701PA Datasheet HTML 3Page - Advanced Linear Devices ALD2701PA Datasheet HTML 4Page - Advanced Linear Devices ALD2701PA Datasheet HTML 5Page - Advanced Linear Devices ALD2701PA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALD2701A/ALD2701B
Advanced Linear Devices
3
ALD2701
VS = ± 2.5V -55°C TA +125°C unless otherwise specified
2701A DA
2701B DA
2701 DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Input Offset
VOS
3.0
6.0
15.0
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
10
50
10
50
7
50
V/mV
RL ≤ 100KΩ
Voltage Gain
Output Voltage
VO low
-2.47
-2.40
-2.47
-2.40
-2.47
-2.40
V
Range
VO high
2.35
2.45
2.35
2.45
2.35
2.45
V
RL ≤ 100KΩ
TA = 25
°C VS = ±5.0V unless otherwise specified
2701A
2701B
2701
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Input
CIN
11
1
pF
Capacitance
Bandwidth
BW
400
700
400
700
700
KHz
Slew Rate
SR
0.7
0.7
0.7
V/
µsAV = +1
RL = 100KΩ
Rise time
tr
0.2
0.2
0.2
µsRL = 100KΩ
Overshoot
20
20
20
%
RL = 100KΩ
Factor
CL = 50pF
Settling
ts
10.0
10.0
10.0
µs
0.1%
Time
AV = -1
CL = 50pF RL = 100KΩ
Channel
CS
120
120
120
dB
AV = 100
Separation
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25°C VS = ±2.5V unless otherwise specified
2701A
2701B
2701
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
PSRR
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
250
V/mV
RL = 100KΩ
Voltage Gain
Output Voltage
VO low
-4.98
-4.90
-4.98
-4.90
-4.98
-4.90
V
RL = 100KΩ
Range
VO high
4.90
4.98
4.90
4.98
4.90 4.98
V
Bandwidth
BW
1.0
1.0
1.0
MHz
Slew Rate
SR
1.0
1.0
1.0
V/
µsAV = +1
CL = 50pF


Similar Part No. - ALD2701PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2701PAL ALD-ALD2701PAL Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2701PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com