Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1205 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1205
Description  ESD Protection Arrays, Chip Scale Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1205 Datasheet(HTML) 6 Page - California Micro Devices Corp

  CM1205 Datasheet HTML 1Page - California Micro Devices Corp CM1205 Datasheet HTML 2Page - California Micro Devices Corp CM1205 Datasheet HTML 3Page - California Micro Devices Corp CM1205 Datasheet HTML 4Page - California Micro Devices Corp CM1205 Datasheet HTML 5Page - California Micro Devices Corp CM1205 Datasheet HTML 6Page - California Micro Devices Corp CM1205 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
11/17/03
CM1205
Mechanical Details (cont’d)
CM1205-08CS/CP 10-bump CSP Mechanical Specifications
The CM1205-08CS/CP devices are packaged in a 10-
bump custom Chip Scale Package (CSP). Dimensions
are presented below.
Package Dimensions for CM1205-08CS/CP
10-bump Chip Scale Package
CSP Tape and Reel Specifications
Figure 5. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
10
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
1.109
1.154
1.199
0.0437
0.0454
0.0472
A2
3.059
3.104
3.149
0.1204
0.1222
0.1240
B1
0.645
0.650
0.655
0.0254
0.0256
0.0258
B2
0.645
0.650
0.655
0.0254
0.0256
0.0258
C1
0.202
0.252
0.302
0.0080
0.0099
0.0119
C2
0.202
0.252
0.302
0.0080
0.0099
0.0119
D1
0.638
0.707
0.776
0.0251
0.0278
0.0306
D2
0.394
0.445
0.495
0.0155
0.0175
0.0195
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
0.35 DIA.
NOTE: DIMENSIONS IN MILLIMETERS
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
4
5
B
C1
B1
A1
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
A
B
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY
PER
REEL
P0
P1
CM1205-08CS/CP
3.104 X 1.154 X 0.644
3.28 X 1.32 X 0.81
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM1205

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
CM1205-08CP ONSEMI-CM1205-08CP Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
CM1205-08CP ONSEMI-CM1205-08CP Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
More results

Similar Description - CM1205

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
logo
ON Semiconductor
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com