Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1205-04CS Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1205-04CS
Description  ESD Protection Arrays, Chip Scale Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1205-04CS Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1205-04CS Datasheet HTML 1Page - California Micro Devices Corp CM1205-04CS Datasheet HTML 2Page - California Micro Devices Corp CM1205-04CS Datasheet HTML 3Page - California Micro Devices Corp CM1205-04CS Datasheet HTML 4Page - California Micro Devices Corp CM1205-04CS Datasheet HTML 5Page - California Micro Devices Corp CM1205-04CS Datasheet HTML 6Page - California Micro Devices Corp CM1205-04CS Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/17/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
CM1205
ESD Protection Arrays, Chip Scale Package
Features
Functionally and pin compatible with CAMD’s
PACDN1404C, PACDN1408C and PACDN1416C
family of ESD protection devices
4, 8, or 16 transient voltage suppressors in a single
package
OptiguardTM coated for improved reliability at
assembly
In-system Electrostatic Discharge (ESD) protection
to +25kV contact discharge per IEC 61000-4-2
international standard
Compact Chip Scale Package (0.65mm pitch) for-
mat saves board space and eases layout in space
critical applications compared to discrete solutions
and traditional wire bonded packages
Lead-free versions available
Applications
ESD protection for sensitive electronic equipment
I/O port, keypad and button circuitry protection for
portable devices
Wireless Handsets
Handheld PCs / PDAs
MP3 Players
Digital Cameras and Camcorders
Notebooks
Desktop PCs
Product Description
The CM1205 family of transient voltage suppressor
arrays provides a very high level of protection for sensi-
tive electronic components that may be subjected to
ESD.
These devices are designed and characterized to
safely dissipate ESD strikes at levels well beyond the
maximum requirements set forth in the IEC 61000-4-2
international standard (Level 4, +8kV contact dis-
charge). All I/Os are rated at +25kV using the IEC
61000-4-2 contact discharge method. Using the MIL-
STD-883D (Method 3015) specification for Human
Body Model (HBM) ESD, all pins are protected for con-
tact discharges to greater than +30kV.
The Chip Scale Package format of these devices
enable extremely small footprints that are necessary in
portable electronics such as cellular phones, PDAs,
internet appliances and PCs. The large solder bumps
allow for standard attachment to laminate boards with-
out the use of underfill.
The
CM1205
features
OptiGuardTM
coating
for
improved reliability at assembly and is available with
optional lead-free finishing.
Electrical Schematic
CM1205-04CS/CP
CM1205-08CS/CP
CM1205-16CS/CP
A1
A2
A3
B1
B2
B3
C2
C3
C4
D2
D3
D4
C5
D5
C1
D1
A2
A3
A4
B2
B3
B4
A5
B5
A1
B1
A2
A3
A4
B2
B3
B4
A5
B5
A1
B1


Similar Part No. - CM1205-04CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1205-08CP ONSEMI-CM1205-08CP Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
CM1205-08CP ONSEMI-CM1205-08CP Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
More results

Similar Description - CM1205-04CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
logo
ON Semiconductor
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com