Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP413CH Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP413CH
Description  Single-Chip CMOS Microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP413CH Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP413CH Datasheet HTML 2Page - National Semiconductor (TI) COP413CH Datasheet HTML 3Page - National Semiconductor (TI) COP413CH Datasheet HTML 4Page - National Semiconductor (TI) COP413CH Datasheet HTML 5Page - National Semiconductor (TI) COP413CH Datasheet HTML 6Page - National Semiconductor (TI) COP413CH Datasheet HTML 7Page - National Semiconductor (TI) COP413CH Datasheet HTML 8Page - National Semiconductor (TI) COP413CH Datasheet HTML 9Page - National Semiconductor (TI) COP413CH Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Timing Waveform
TLDD8537 – 3
FIGURE 3 InputOutput Timing Diagrams (Divide-by-8 Mode)
Development Support
The MOLE (Microcontroller On Line Emulator) is a low cost
development system and real time emulator for COPS’
products They also include TMP 8050 and the new 16 bit
HPC microcontroller family The MOLE provides effective
support for the development of both software and hardware
in the user’s application
The purpose of the MOLE is to provide a tool to write and
assemble code emulate code for the target microcontroller
and assist in debugging of the system
The MOLE can be connected to various hosts IBM PC
STARPLEXTM Kaypro Apple and Intel systems via RS-232
port This link facilitates the up loadingdown loading of
code supports host assembly and mass storage
The MOLE consists of three parts brain personality and
optional host software
The brain board is the computing engine of the system It is
a self-contained computer with its own firmware which pro-
vides for all system operation emulation control communi-
cation from programming and diagnostic operation It has
three serial ports which can be connected to a terminal
host system printer modem or to other MOLE’s in a multi-
MOLE environment
The personality board contains the necessary hardware and
firmware needed to emulate the target microcontroller The
emulation cable which replaces the target controller attach-
es to this board The software contains a cross assembler
and a communications program for up loading and down
loading code from the MOLE
MOLE Ordering Information
PN
Description
MOLE-BRAIN
MOLE Computer Board
MOLE-COPS-PB1
COPS Personality Board
MOLE-XXX-YYY
Optional Software
Where XXX e COPS
YYY e Host System IBM Apple
KAY (Kaypro) CPM
6


Similar Part No. - COP413CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
COP410L NSC-COP410L Datasheet
331Kb / 20P
   Single-Chip N-Channel Microcontrollers
COP411C NSC-COP411C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
COP411L NSC-COP411L Datasheet
331Kb / 20P
   Single-Chip N-Channel Microcontrollers
More results

Similar Description - COP413CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com