Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70914S Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70914S
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70914S Datasheet HTML 3Page - Integrated Device Technology IDT70914S Datasheet HTML 4Page - Integrated Device Technology IDT70914S Datasheet HTML 5Page - Integrated Device Technology IDT70914S Datasheet HTML 6Page - Integrated Device Technology IDT70914S Datasheet HTML 7Page - Integrated Device Technology IDT70914S Datasheet HTML 8Page - Integrated Device Technology IDT70914S Datasheet HTML 9Page - Integrated Device Technology IDT70914S Datasheet HTML 10Page - Integrated Device Technology IDT70914S Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
10
Truth Table II: Clock Enable Function Table(1)
Truth Table I: Read/Write Control(1)
Functional Description
The IDT70914 provides a true synchronous Dual-Port Static RAM
interface. Registered inputs provide very short set-up and hold times on
address,data,andallcriticalcontrolinputs.Allinternalregistersareclocked
on the rising edge of the clock signal. An asynchronous output enable is
provided to ease asynchronous bus interfacing.
The internal write pulse width is dependent on the LOW to HIGH
transitionsoftheclocksignalallowingtheshortestpossiblerealizedcycle
times.Clockenableinputsareprovidedtostalltheoperationoftheaddress
and data input registers without introducing clock skew for very fast
interleaved memory applications.
A HIGH on the
CE input for one clock cycle will power down the
internal circuitry to reduce static power consumption.
NOTES:
1. 'H' = HIGH voltage level steady state, 'h' = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition, 'L' = LOW voltage level steady state 'l' = LOW
voltage level one set-up time prior to the LOW-to-HIGH clock transition, 'X' = Don't care, 'NC' = No change
2.
CLKEN = VIL must be clocked in during Power-Up.
3. Control signals are initialted and terminated on the rising edge of the CLK, depending on their input level. When R/
W and CE are LOW, a write cycle is initiated on
the LOW-to-HIGH transition of the CLK. Termination of a write cycle is done on the next LOW-to-HIGH transistion of the CLK.
4. The register outputs are internal signals from the register inputs being clocked in or disabled by
CLKEN.
Mode
Inputs
Register Inputs
Register Outputs(4)
CLK(3)
CLKEN(2)
ADDR
DATAIN
ADDR
DATAOUT
Load "1"
L
HHH
H
Load "0"
LLLLL
Hold (do nothing)
HX
X
NC
NC
X
H
X
X
NC
NC
3490 tbl 10
Inputs
Outputs
Mode
Synchronous(3)
Asynchronous
CLK
CE
R/
W
OE
I/O0-8
H
X
X
High-Z
Deselected, Power-Down
LL
X
DATAIN
Selected and Write Enabled
LH
L
DATAOUT
Read Selected and Data Output Enable Read
X
X
H
High-Z
Outputs Disabled
3490 tbl 09


Similar Part No. - IDT70914S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com