Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR14D151K Datasheet(PDF) 2 Page - Ceramate Technical

Part # GNR14D151K
Description  VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

GNR14D151K Datasheet(HTML) 2 Page - Ceramate Technical

  GNR14D151K Datasheet HTML 1Page - Ceramate Technical GNR14D151K Datasheet HTML 2Page - Ceramate Technical GNR14D151K Datasheet HTML 3Page - Ceramate Technical GNR14D151K Datasheet HTML 4Page - Ceramate Technical GNR14D151K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TYPE
GNR14D□□□
□□□
□□□
□□□K
MODEL
PAGE
2/
5
CITATION
DATE
Oct. 13, 2001
SUBJECT
QUALITY APPROVAL and STRUCTURE
REV.
B01
1. QUALITY SYSTEM APPROVAL
ISO9001 Certificate of approval No.97-HOU-AQ-1382
2. SAFETY STANDARDS APPROVAL
Standard No.
UL 1414
UL 1449
UL 497B
CUL
CSA C22.2 No.1
VDE 42000
File No.
E181368
E166389
E187844
E166389
LR105317
5938
180K〜680K
Approved
820K〜181K
Approved
Approved
Approved
Approved
201K〜471K
Approved
Approved
Approved
Approved
Approved
Approved
511K
Approved
Approved
Approved
Approved
561K〜821K
Approved
Approved
Approved
Approved
Approved
911K〜182K
Approved
3. STRUCTURE
NO.
ITEM
DESCRIPTION
3.1
Main Material
Zinc Oxide
3.2
Coating Material Epoxy Resin
3.3
Marking
GNR, Part number, UL, CSA(or CUL) and VDE recognized
component mark, Date code
3.4
Appearance
Without dirt and crack, marking should be clear
D(max.)
16.5
H(max.)
20.0
T(max.)
*(1)
F7.5± 1.0
ψd0.8± 0.1
L(min.)
25.0
k(max.)
3.0
3.5
Dimensions
Unit: mm
*(1) See Page 3, Dimensions Table


Similar Part No. - GNR14D151K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR14D151K CERAMATE-GNR14D151K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
More results

Similar Description - GNR14D151K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
   VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
   Varistor
logo
Ceramate Technical
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
   Varistor
VRYA15 SHINDENGEN-VRYA15 Datasheet
320Kb / 7P
   Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com