Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70914S15J Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70914S15J
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S15J Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70914S15J Datasheet HTML 1Page - Integrated Device Technology IDT70914S15J Datasheet HTML 2Page - Integrated Device Technology IDT70914S15J Datasheet HTML 3Page - Integrated Device Technology IDT70914S15J Datasheet HTML 4Page - Integrated Device Technology IDT70914S15J Datasheet HTML 5Page - Integrated Device Technology IDT70914S15J Datasheet HTML 6Page - Integrated Device Technology IDT70914S15J Datasheet HTML 7Page - Integrated Device Technology IDT70914S15J Datasheet HTML 8Page - Integrated Device Technology IDT70914S15J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(4,5) (VCC = 5V ± 10%)
NOTES:
1. At fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels
of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. Vcc = 5V, TA = 25°C for Typ, and are not production tested. ICC DC = 150mA (Typ).
5. Industrial temperature: for specific speeds, packages and powers contact your sales office.
70914S12
Com 'l Only
70914S15
Com 'l Only
S ym bol
P aram eter
Test Condition
V ersion
Typ.(2)
M ax.
Typ.(2)
Max.
Unit
ICC
Dynam ic O p e rating
Curre nt
(B o th P o rts A c tiv e )
CEL and CER = VIL,
Outp uts Dis ab le d
f = fMA X(1)
CO M 'L
190
310
180
300
m A
MIL &
IND
____
____
____
____
ISB 1
S tandby Current
(B o th P o rts - TTL
Le ve l Inp uts )
CEL and CER = VIH
f = fMA X(1)
CO M 'L
95
150
90
140
m A
MIL &
IND
____
____
____
____
ISB 2
S tandby Current
(One P o rt - TTL
Le ve l Inp uts )
CE"A" = VIL and
CE"B" = VIH(3)
A c tiv e P o rt O utp uts
Disabled, f= fMA X(1)
CO M 'L
170
220
160
210
mA
MIL &
IND
____
____
____
____
ISB 3
Full S tand b y
Curre nt (B o th
P o rts - A ll CM O S
Le ve l Inp uts )
Bo th P o rts
CER and
CEL > VCC - 0.2V
V IN > V CC - 0.2V o r
V IN < 0.2V , f = 0(2)
CO M 'L
10
151015
mA
MIL &
IND
____
____
____
____
ISB 4
Full S tand b y
Curre nt (O ne
P o rt - A ll CM O S
Le ve l Inp uts )
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(3)
V IN > V CC - 0.2V o r
V IN < 0.2V, A c tiv e P o rt
Outp uts Dis ab le d
f = fMA X(1)
CO M 'L
165
210
155
200
mA
MIL &
IND
____
____
____
____
3 490 tb l 06 a
70914S20
Com 'l &
Military
70914S25
Military
Only
S ym bol
P aram eter
Test Condition
V ersion
Typ.(2)
M ax.
Typ.(2)
Max.
Unit
ICC
Dynam ic O p e rating
Curre nt
(B o th P o rts A c tiv e )
CEL and CER = VIL,
Outp uts Dis ab le d
f = fMA X(1)
CO M 'L
170
290
____
____
mA
MIL &
IND
170
310
160
290
ISB 1
S tandby Current
(B o th P o rts - TTL
Le ve l Inp uts )
CEL and CER = VIH
f = fMA X(1)
CO M 'L
85
130
____
____
mA
MIL &
IND
85
140
80
130
ISB 2
S tandby Current
(One P o rt - TTL
Le ve l Inp uts )
CE"A" = VIL and
CE"B" = VIH(3)
A c tiv e P o rt O utp uts
Disabled, f= fMA X(1)
CO M 'L
150
200
____
____
mA
MIL &
IND
150
210
140
200
ISB 3
Full S tand b y
Curre nt (B o th
P o rts - A ll CM O S
Le ve l Inp uts )
Bo th P o rts
CER and
CEL > VCC - 0.2V
V IN > V CC - 0.2V o r
V IN < 0.2V , f = 0(2)
CO M 'L
10
15
____
____
mA
MIL &
IND
10
20
10
20
ISB 4
Full S tand b y
Curre nt (O ne
P o rt - A ll CM O S
Le ve l Inp uts )
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(3)
V IN > V CC - 0.2V o r
V IN < 0.2V, A c tiv e P o rt
Outp uts Dis ab le d
f = fMA X(1)
CO M 'L
145
190
____
____
mA
MIL &
IND
145
200
135
190
3490 tb l 0 6b


Similar Part No. - IDT70914S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S15J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com