Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70914S25J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70914S25J
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S25J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70914S25J Datasheet HTML 1Page - Integrated Device Technology IDT70914S25J Datasheet HTML 2Page - Integrated Device Technology IDT70914S25J Datasheet HTML 3Page - Integrated Device Technology IDT70914S25J Datasheet HTML 4Page - Integrated Device Technology IDT70914S25J Datasheet HTML 5Page - Integrated Device Technology IDT70914S25J Datasheet HTML 6Page - Integrated Device Technology IDT70914S25J Datasheet HTML 7Page - Integrated Device Technology IDT70914S25J Datasheet HTML 8Page - Integrated Device Technology IDT70914S25J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
,
3490 drw 03
10
11
12
13
14
15
16
50
49
48
47
46
45
44
INDEX
17
18
19
20
21
22
23
24
25
26
51
52
53
54
55
56
57
58
59
60
98
7
6
54
3
2
1
68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
A6L
A7L
A8L
A9L
A10L
A11L
OEL
VCC
R/
WL
N/C
N/C
CEL
GND
I/O8L
I/O7L
I/O6L
A7R
A8R
A9R
A10R
A11R
OER
GND
GND
R/
WR
N/C
N/C
CER
GND
I/O8R
I/O7R
I/O6R
IDT70914J
J68-1(4)
68-Pin PLCC
Top View(5)
N/C
N/C
Pin Configurations(1,2,3)
Description
TheIDT70914isahigh-speed4Kx9bitsynchronousDual-PortRAM.
The memory array is based on Dual-Port memory cells to allow
simultaneous access from both ports. Registers on control, data, and
address inputs provide low set-up and hold times. The timing latitude
provided by this approach allow systems to be designed with very short
cycletimes.Withaninputdataregister,thisdevicehasbeenoptimizedfor
applications having unidirectional data flow or bi-directional data flow in
bursts.
The IDT70914 utilizes a 9-bit wide data path to allow for parity at the
user's option. This feature is especially useful in data communication
applications where it is necessary to use a parity bit for transmission/
reception error checking.
Fabricated using IDT’s CMOS high-performance technology, these
Dual-Ports typically operate on only 850mW of power at maximum high-
speed clock-to-data output times as fast as 12ns. An automatic power
down feature, controlled by
CE,permitstheon-chipcircuitryofeachport
to enter a very low standby power mode.
The IDT70914 is packaged in a 68-pin PLCC, and an 80-pin TQFP.
Militarygradeproductismanufacturedincompliancewiththelatestrevision
of MIL-PRF-38535 QML, making it ideally suited for military temperature
applications demanding the highest level of performance and reliability.
NOTES:
1. All VCC pins must be connected to power supply.
2. All ground pins must be connected to ground supply.
3. J68-1 package body is approximately .95 in x .95 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.


Similar Part No. - IDT70914S25J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S25J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com