Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385DR-2-5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM385DR-2-5
Description  MICROPOWER VOLTAGE REFERENCES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385DR-2-5 Datasheet(HTML) 5 Page - Texas Instruments

  LM385DR-2-5 Datasheet HTML 1Page - Texas Instruments LM385DR-2-5 Datasheet HTML 2Page - Texas Instruments LM385DR-2-5 Datasheet HTML 3Page - Texas Instruments LM385DR-2-5 Datasheet HTML 4Page - Texas Instruments LM385DR-2-5 Datasheet HTML 5Page - Texas Instruments LM385DR-2-5 Datasheet HTML 6Page - Texas Instruments LM385DR-2-5 Datasheet HTML 7Page - Texas Instruments LM385DR-2-5 Datasheet HTML 8Page - Texas Instruments LM385DR-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM2852.5, LM3852.5, LM385B2.5
MICROPOWER VOLTAGE REFERENCES
SLVS023I − JANUARY 1989 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
1000
10
1
0.1
100
0.01
0.1
1
10
100
REFERENCE IMPEDANCE
vs
REFERENCE CURRENT
Iz − Reference Current − mA
f = 25 Hz
TA = MIN to MAX‡
Figure 6
1
0.1
0.01
0.1
1
10
10
REFERENCE IMPEDANCE
vs
FREQUENCY
100
1000
100
f − Frequency − kHz
IZ = 100 µA
TA = 25°C
1 k
10 k
Figure 7
1400
0
1000
10
100
1 k
10 k
100 k
NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
IZ = 100 µA
TA = 25°C
1200
800
600
400
200
Figure 8
20
0
0.1
1
10
40
FILTERED RMS OUTPUT NOISE VOLTAGE
vs
FREQUENCY
60
100
f − Frequency − kHz
80
100
120
TA = 25°C
100
µA
R
C
RC Low Pass
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - LM385DR-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385DR-2-5 TI-LM385DR-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385DR-2-5 TI1-LM385DR-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385DR-2-5 TI-LM385DR-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385DR-2-5 TI1-LM385DR-2-5 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM385DR-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com