Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC102821752JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # MC102821752JE
Description  High Voltage/High Resistance Precision Thick Film Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MC102821752JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  MC102821752JE Datasheet HTML 1Page - Ohmite Mfg. Co. MC102821752JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
25
MC102821006J ER
Macro Chip
Series
Terminal
5 = J-bend
6 = SMD
8 = No term.
Style
101
102
104
202
204
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Coating
2 = Blue silicone
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS
compliant
Tape and Reel
optional
B
A
0.050" (1.27 mm)
two places
0.030" ±0.005
(0.76 mm ±0.13)
B'
0.14"
(3.6mm)
0.055" typ.
(1.40mm)
NAS CC21AA-D22W-OFA
J Lead 0.050" centers
With Terminal Options:
J-bend
0.065"
(1.65mm)
0.035" typ.
(0.89mm)
SMD
Land Pattern
Land pattern dimensions are for
reference only.
L
O
M
N
Size
M
N
O
L
MC101 0.280 0.080 0.278 0.120
MC102 0.530 0.080 0.278 0.370
MC103 0.780 0.080 0.278 0.620
MC104 1.030 0.080 0.278 0.870
MC202 0.530 0.080 0.556 0.370
MC204 1.030 0.080 0.556 0.870
Qty./Reel
Series
Power
A ±.01”
B ±.01”
B’ max. (J-bend)
w/J-bend w/o J-bend
MC101 0.75W 0.25” (6.35)
0.25” (6.35)
0.29” (7.37)
1000
2500
MC102 1.50W 0.25” (6.35)
0.50” (12.70) 0.54” (13.72)
1000
2500
MC103 2.00W 0.25” (6.35)
0.75” (19.05)
0.79” (20.07)
1000
2500
MC104 2.50W 0.25” (6.35)
1.00” (25.40) 1.04” (26.42)
MC202 2.50W 0.50” (12.70)
0.50” (12.70)
MC204 3.25W 0.50” (12.70)
1.00” (25.40)
Contact Ohmite for custom configurations.
Macrochip Series
High Voltage/High Resistance
Precision Thick Film Surface Mount
d IM en SI on S
(in./mm)
order I ng I nfor M at I on
Temp. Coeff. of Resistance*
0°C-85°C
85°C-125°C
Voltage Coeff. of Resistance**
Resistor Series 25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
MC101
100 to 800M
100Ω to 100M 101M to 1,000M 100Ω to 270M 271M to 1,000M
MC102
200 to 1,500M 200Ω to 250M 251M to 5,000M 200Ω to 640M 641M to 5,000M
MC103
250 to 800M
250Ω to 440M 441M to 5,000M 250Ω to 1,100M 1,101M to 5,000M
MC104
500 to 2,500M 500Ω to 450M 451M to 5,000M 500Ω to 1,100M 1,101M to 5,000M
MC202
500 to 1,500M 500Ω to 200M 201M to 5,000M 500Ω to 520M 521M to 5,000M
MC204
1K to 1,750M
1K to 375M
376M to 5,000M
1K to 950M
951M to 5,000M
*TCR of 25ppm for temperature range of 0°C-85°C. TCR of 50ppm and 100ppm for -55°C to 125°C.
Consult factory for TCR values operating higher than 125°C
**VC’s of <2PPM/Volt are available. Contact Ohmite with your requirement.
1K
MC102821001JE
2.5K MC102822501JE
5K
MC102825001JE
7.5K MC102827501JE
10K
MC102821002JE
12.5K MC102821252JE
15K
MC102821502JE
17.5K MC102821752JE
20K
MC102822002JE
25K
MC102822502JE
t e M p./Voltage c oeff I c I ent S of r e SIS tance
Standard Part Numbers
Series:
MC10282
Tolerance:
5% Watts: 1W
Ohms Part Number
Ohms Part Number
Ohms Part Number
50K
MC102825002JE
75K
MC102827502JE
100K MC102821003JE
125K MC102821253JE
150K MC102821503JE
200K MC102822003JE
250K MC102822503JE
500K MC102825003JE
750K MC102827503JE
1M
MC102821004JE
1.25M MC102821254JE
1.5M MC102821504JE
1.75M MC102821754JE
2M
MC102822004JE
2.5M MC102822504JE
5M
MC102825004JE
10M
MC102821005JE
25M
MC102822505JE
50M
MC102825005JE


Similar Part No. - MC102821752JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MC102821752JE OHMITE-MC102821752JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC102821752JE OHMITE-MC102821752JE Datasheet
363Kb / 2P
   Low voltage coefficient
More results

Similar Description - MC102821752JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
   Precision Power Thick Film High Voltage/High Resistance Tubular
MOX-1-121006DE OHMITE-MOX-1-121006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX200021006DE OHMITE-MOX200021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
logo
KOA Speer Electronics, ...
GS1DC106 KOA-GS1DC106 Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
GS12LC106J KOA-GS12LC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com