Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70914S25PB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70914S25PB
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S25PB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70914S25PB Datasheet HTML 3Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 4Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 5Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 6Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 7Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 8Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 9Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 10Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6.42
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
11
Ordering Information
NOTE:
1. Industrial temperature range is available on selected TQFP packages in standard power.
For specific speeds, packages and powers contact your sales office.
IDT
XXXX
A
999
A
A
Device
Type
Power
Speed
Package
Process/
Temperature
Range
Blank
I (1)
B
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Military (-55°C to +85°C)
Compliant to MIL-PRF-38535 QML
J
PF
68-pin PLCC (J68-1)
80-pin TQFP (PN80-1)
12
15
20
25
Commercial Only
Commercial Only
Commercial & Military
Military Only
S
Standard Power
70914
36K (4K x 9-Bit) Synchronous Dual-Port RAM
3490 drw 12
Speed in nanoseconds
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
3/10/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Page 2 and 3 Added additional notes to pin configurations
6/7/99:
Changed drawing format
11/10/99:
Replaced IDT logo
5/24/00:
Page 4
Increased storage temperature parameter
Clarified TA parameter
Page 5
DC Electrical parameters–changed wording from "open" to "disabled"
Changed ±200mV to 0mV in notes
1/12/01:
Removed PGA pinout (obsolete package)
Changed cycle time of 12ns part from 17ns (58MHz) to 16ns (60MHz)
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
831-754-4613
Santa Clara, CA 95054
fax: 408-492-8674
DualPortHelp@idt.com
www.idt.com


Similar Part No. - IDT70914S25PB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S25PB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com