Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM8958 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SDM8958
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM8958 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SDM8958 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDM8958 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
S DM8958
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS -24V, VGS 0V
=
=
-1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
nA
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1
-1.7
-3
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -4.5A
52
VGS -5V , ID -4A
90
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -10V
-20
10
A
S
Forward Transconductance
FS
g
VDS -5V, ID - 4.5A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS = 0V
f =1.0MHZ
860
P
F
470
P
F
P
F
180
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VD = -15V,
R L = 15
ID = -1A,
VGEN = -10V,
R GEN = 10 W
9
20
ns
ns
ns
ns
10
40
37
90
23
110
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID = - 5.3A,
VGS =-10V
15
nC
nC
nC
3
4
C
Fall Time
=
=
=
=
=
=
W
3
ON CHAR ACTER ISTICS b
uA
100
m ohm
m ohm
P-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
20
nC
VDS=-15V,ID=-5.3A,VGS=-10V
VDS=-15V,ID=-5.3A,VGS=-4.5V
10.5
8.7


Similar Part No. - SDM8958

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
logo
Burr-Brown (TI)
SDM862 BURR-BROWN-SDM862 Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
SDM862A BURR-BROWN-SDM862A Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
SDM862B BURR-BROWN-SDM862B Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
SDM862J BURR-BROWN-SDM862J Datasheet
256Kb / 27P
   16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
More results

Similar Description - SDM8958

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8301 SAMHOP-STM8301 Datasheet
1,014Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com