Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP22DG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP22DG4
Description  2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22DG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVCP22DG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 9Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 10Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 11Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 12Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 13Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 14Page - Texas Instruments SN65LVCP22DG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
0
50
100
150
200
250
300
350
400
0
400
800
1200
1600
2000
0
10
20
30
40
50
60
70
80
f − Frequency − MHz
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
|VID| = 200 mV
Added Random Jitter
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
800 mV
Data Rate − Mbps
300 mV
600 mV
VCC = 3.3 V,
TA = 25°C,
VIC = 3.3 V,
Input = PRBS 223 −1
500 mV
600 mV
0
5
10
15
20
25
30
0
100
200
300
400
500
600
f − Frequency − MHz
VCC = 3.3 V,
TA = 25°C,
VIC = 3.3 V,
Input = Clock
600 mV
800 mV
300 mV
500 mV
400 mV
20
50
80
110
140
170
200
230
0
500
1000 1500 2000
2500 3000 3500
Data Rate − Mbps
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
|VID| = 200 mV
Input = PRBS 223 −1
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
TYPICAL CHARACTERISTICS (continued)
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
vs
FREQUENCY
DATA RATE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
PEAK-TO-PEAK JITTER
vs
DATA RATE
Figure 19.
11
Submit Documentation Feedback


Similar Part No. - SN65LVCP22DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22DG4 TI-SN65LVCP22DG4 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22DG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com