Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3843CSTR Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC3843CSTR
Description  Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3843CSTR Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC3843CSTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 10Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AIC3843
9
n PIN DESCRIPTIONS
PIN 1: COMP
- This pin is the error amplifier
output and is made available
for loop compensation.
PIN 2:
VFB
- This is the inverting input of
the
error
amplifier.
It
is
normally
connected
to
the
switching power supply output
through a resistor divider.
PIN 3:
ISENSE - A
voltage
proportional
to
inductor current is connected
to this input. The PWM uses
this information to terminate
the output switch conduction.
PIN 4:
RT/CT
- The oscillator frequency and
maximum output duty cycle
are programmed by connect-
ing resistor RT to VREF and
capacitor CT to ground. It is
feasible to operate when f ≦
500KHz.
PIN 5:
GND
- This pin is the combined control
circuitry and power ground.
PIN 6:
OUTPUT- This output directly drives the
gate of a power MOSFET.
Peak currents up to 1A are
sourced and sunk by this pin.
PIN 7:
VCC
- This pin is the positive supply of
the control IC.
PIN 8:
VREF
-
This is the reference output. It
provides charging current for
capacitor CT through resistor
RT.
n APPLICATION INFORMATIONS
Under voltage Lockout
There are two separate under voltage lockout
comparators incorporated to make sure that the
IC is fully functional before the output stage is
enabled. One is for power supply voltage (VCC)
and the other is for reference output voltage
(VREF). Each has a built in hysteresis to prevent
erratic output behavior when their respective
thresholds are crossed. For VCC comparator the
upper and lower thresholds are 8.4V and 7.6V,
respectively. The large hysteresis and low start up
current (0.3mA) of the AIC3843 make it ideally
suited in off-line converter applications where
efficient bootstrap startup techniques are required.
A 34V zener is connected as a shunt regulator
from VCC to ground. Its purpose is to protect the
IC from excessive voltage that can occur during
system start-up.
Reference Output
The 5.0V reference output is trimmed to
±2.0%
tolerance at T
A=25°C. It supplies charging current
to the oscillator timing capacitor and is capable of
providing current in excess of 20mA for powering
additional control system circuitry. In case of
overload, the reference is short-circuit protected at


Similar Part No. - AIC3843CSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3842 AIC-AIC3842 Datasheet
114Kb / 7P
   Current-Mode PWM Controller
AIC3842CN AIC-AIC3842CN Datasheet
114Kb / 7P
   Current-Mode PWM Controller
AIC3842CS AIC-AIC3842CS Datasheet
114Kb / 7P
   Current-Mode PWM Controller
More results

Similar Description - AIC3843CSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com