Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3843CSTB Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC3843CSTB
Description  Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3843CSTB Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC3843CSTB Datasheet HTML 1Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC3843CSTB Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AIC3843
5
Error AMP Configuration
ZF
1
2
+
-
V
FB
COMP
0.5mA
2.50V
Error Amp can Source or Sink up to 0.5mA
ZI
Fig. 1
Under-Voltage Lockout
7
VON
VOFF
AIC3843
8.4V
7.6V
17mA
500
µA
V
OFF
V
ON
VCC
I
CC
During under-voltage lockout, the output driver is biased to sink minor amounts of
current. Pin 6 should be shunted to ground with a bleeder resistor to prevent
activating the power switch with extraneous leakage currents.
Fig. 2-1
Fig. 2-2
Current Sense Circuit
R
C
RS
IS
2R
R
1V
GND
Current Sense
COMP
Error AMP
Current Sense
Comparator
Peak Current (Is) is Determined By The Formula
A small RC filter may be required to suppress switch transients.
ISMAX≈ 1.0V
RS
Fig. 3


Similar Part No. - AIC3843CSTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3842 AIC-AIC3842 Datasheet
114Kb / 7P
   Current-Mode PWM Controller
AIC3842CN AIC-AIC3842CN Datasheet
114Kb / 7P
   Current-Mode PWM Controller
AIC3842CS AIC-AIC3842CS Datasheet
114Kb / 7P
   Current-Mode PWM Controller
More results

Similar Description - AIC3843CSTB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com