Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC8877-3.0DBT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AMC8877-3.0DBT
Description  LOW NOISE 300mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC8877-3.0DBT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC8877-3.0DBT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8877-3.0DBT Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMC DOC. #: AMC8877_A (LF)
AMC8877
Jun 2004
LOW NOISE 300mA
LOW DROPOUT REGULATOR
BLOCK DIAGRAM
Current
Limit
Reverse
Battery
Protection
Shutdown
And
Power-On
Control
VREF
Thermal
Sensor
VIN
SHDN
VOUT
GND
BP
PIN DESCRIPTION
Pin Number
AMC8878
AMC8879
Pin Name
Pin Function
1
5
VIN
Input
2
2
GND
Ground
3
1
SHDN
Logic control shutdown pin; HI: Device is ON, LO: Device is OFF
4
3
BP
Noise bypass pin; The output noise level can be reduced to 30
µVRMS by
connecting external capacitors
5
4
VOUT
Output
Copyright
© 2002, ADD Microtech Corp.
3
www.addmtek.com


Similar Part No. - AMC8877-3.0DBT

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC887-1.8DBT ADDTEK-AMC887-1.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.0DBT ADDTEK-AMC887-2.0DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.5DBT ADDTEK-AMC887-2.5DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.85DBT ADDTEK-AMC887-2.85DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.8DBT ADDTEK-AMC887-2.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results

Similar Description - AMC8877-3.0DBT

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com