Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME385DEHAL Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME385DEHAL
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385DEHAL Datasheet(HTML) 4 Page - Analog Microelectronics

  AME385DEHAL Datasheet HTML 1Page - Analog Microelectronics AME385DEHAL Datasheet HTML 2Page - Analog Microelectronics AME385DEHAL Datasheet HTML 3Page - Analog Microelectronics AME385DEHAL Datasheet HTML 4Page - Analog Microelectronics AME385DEHAL Datasheet HTML 5Page - Analog Microelectronics AME385DEHAL Datasheet HTML 6Page - Analog Microelectronics AME385DEHAL Datasheet HTML 7Page - Analog Microelectronics AME385DEHAL Datasheet HTML 8Page - Analog Microelectronics AME385DEHAL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AME, Inc.
4
Micropower Voltage Reference Diode
AME385-2.5
n Ordering Information (contd.)
Note: yyww & ww represents the date code
* A line on top of the first letter represents lead free plating such as ACS.
Please consult AME sales office or authorized Rep./Distributor for the availability of voltage accuracy and package type.
Part Number
Marking
Accuracy
Package
Operating Temp. Range
AME385DEET
ACSww
0.2%
SOT-23
- 40
o C to + 85oC
AME385DEETL
ACSww
0.2%
TSOT-23
- 40
o C to + 85oC
AME385DEETY
ACSww
0.2%
TSOT-23
- 40oC to + 85oC
AME385DEETZ
ACSww
0.2%
SOT-23
- 40oC to + 85oC
AME385DEHA
385
DEHA
yyww
0.2%
SO-8
- 40
o C to + 85oC
AME385DEHAZ
385
DEHA
yyww
0.2%
SO-8
- 40
o C to + 85oC
AME385BEET
ABYww
0.5%
SOT-23
- 40
o C to + 85oC
AME385BEETL
ABYww
0.5%
TSOT-23
- 40
o C to + 85oC
AME385BEETY
ABYww
0.5%
TSOT-23
- 40
o C to + 85oC
AME385BEETZ
ABYww
0.5%
SOT-23
- 40
o C to + 85oC
AME385BEAT
AME
385
BEAT
yyww
0.5%
TO-92-3
- 40
o C to + 85oC
AME385BEATZ
AME
385
BEAT
yyww
0.5%
TO-92-3
- 40
o C to + 85oC
AME385BEAS
AME
385
BEAS
yyww
0.5%
TO-92-2
- 40oC to + 85oC
AME385BEASZ
AME
385
BEAS
yyww
0.5%
TO-92-2
- 40
o C to + 85oC
AME385BEHA
385
BEHA
yyww
0.5%
SO-8
- 40
o C to + 85oC
AME385BEHAZ
385
BEHA
yyww
0.5%
SO-8
- 40
o C to + 85oC
Part Number
Package
Lead Pitch
AME385XEAX
TO-92 Taping
5.04mm
AME385XEAX-1
TO-92 Bulk
2.54mm
* Package Option


Similar Part No. - AME385DEHAL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385DEHA AME-AME385DEHA Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
More results

Similar Description - AME385DEHAL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com