Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC8877-3.3DBT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AMC8877-3.3DBT
Description  LOW NOISE 300mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC8877-3.3DBT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AMC8877-3.3DBT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8877-3.3DBT Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMC DOC. #: AMC8877_A (LF)
AMC8877
Jun 2004
LOW NOISE 300mA
LOW DROPOUT REGULATOR
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
2.5
6.5
V
Load Current
I
O
5
300
mA
Input Capacitor (VIN to GND)
1.0
µF
Output Capacitor with ESR of 10
Ω max., (VOUT to GND)
1.0
µF
Note:
1. CIN: A 1.0 µF capacitor (or larger) should be placed between VIN to GND.
2. COUT: A 1.0 µF (or larger) capacitor is recommended between VOUT and GND for stability and improving the regulator’s transient response. The
ESR (Effective Series Resistance.) of this capacitor has no effect on regulator stability, but low ESR capacitors improve high frequency transient
response. The value of this capacitor may be increased without limit, but values larger than 10uF tend to increase the settling time after a step
change in input voltage or output current. The part may oscillate without the capacitor. Any type of capacitor can be used, but not Aluminum
electrolytics when operating below -25 OC, The capacitance may be increased without limit.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperature of 0
°C to +70 °C with
VIN = VOUT(NOMIAL) + 0.5V, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used
which maintains junction and case temperatures equal to the ambient temperature.)
AMC8877
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
IOUT = 10mA, TA = +25
OC
-1.4
+1.4
Output Voltage Accuracy
∆VOUT
IOUT = 10 to 300mA
-3
+2
%
Maximum Output Current
IOUT
300
mA
Current Limit
ILIMIT
330
mA
IOUT = 10mA
1.6
9
Ground Pin Current
IQ
IOUT = 300mA
1.7
9
µA
IOUT = 50mA
50
120
IOUT = 150mA
165
300
Dropout Voltage
VDROP
IOUT = 300mA
450
650
mV
Line Regulation
∆VOI
VIN = (VOUT + 0.1V) to 6.5V, IOUT = 1mA -0.15
0
0.15
%/V
Load Regulation
∆VOL
IOUT = 10 to 300mA, COUT = 10µF
40
80
mV
Ripple Rejection
PSRR
f=100Hz, IL=100uA
50
dB
COUT = 10µF
30
Output Voltage Noise
en
f = 10Hz - 100KHz,
CBP = 0.01µF
COUT = 100µF
20
µVRMS
Shutdown Input Threshold High
VSIH
VIN = 2.5V to 5.5V
2.0
V
Shutdown Input Threshold Low
VSIL
VIN = 2.5V to 5.5V
0.4
V
TA = +25
OC
0.01
1
Shutdown Supply Current
IQ(SHDN) VOUT = 0V
TA = +85
OC
0.2
µA
TA = +25
OC
0.01
100
Shutdown Input Bias Current
ISHDN
VSHDN = VIN
TA = +85
OC
0.5
nA
TA = +25
OC
6
Shutdown Exit Delay
tdelay
CBP = 0.1µF,
COUT = 1µF, No load TA = +85 OC
6
ms
Thermal Shutdown Temperature
TSHDN
+150
OC
Note:
1. Current limit is measured at constant junction temperature, using pulse ON time.
2. Dropout is measured at constant junction temperature, using pulse ON time, and criterion is VOUT inside target value ± 2 %.
3. Regulation is measured at constant junction temperature, using pulsed ON time.
Copyright
© 2002, ADD Microtech Corp.
4
www.addmtek.com


Similar Part No. - AMC8877-3.3DBT

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC887-1.8DBT ADDTEK-AMC887-1.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.0DBT ADDTEK-AMC887-2.0DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.5DBT ADDTEK-AMC887-2.5DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.85DBT ADDTEK-AMC887-2.85DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.8DBT ADDTEK-AMC887-2.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results

Similar Description - AMC8877-3.3DBT

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com