Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS25D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ARS25D
Description  25.0 AMPS. High Current Plastic Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ARS25D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ARS25D Datasheet HTML 1Page - List of Unclassifed Manufacturers ARS25D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 385 -
RATINGS AND CHARACTERISTIC CURVES (ARS25 THRU AR25)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
0.6
0.4
0.2
1
6
4
2
10
60
40
20
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.6
1.0
1.4
1.8
2.2
2.6
0.1
1.0
10
100
1000
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
2% DUTY CYCLE
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
1
5
2
10
20
50
100
50
100
500
1000
REVERSE VOLTAGE. (V)
Tj=25 C
0
f=1.0MHz
Vsig=50mVp-p
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
125
135
145
155
175
165
0
10
20
30
40
50
CASE TEMPERATURE. ( C)
o
HALF SINE WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
200
60
80
300
100
400
600
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Tj=25 C
0
Tj=150 C
0
cycle


Similar Part No. - ARS25D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ARS25D WTE-ARS25D Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
ARS25D WTE-ARS25D Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS25D TSC-ARS25D Datasheet
77Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
ARS25D TSC-ARS25D Datasheet
340Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
ARS25D TSC-ARS25D Datasheet
569Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
More results

Similar Description - ARS25D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS25 TSC-ARS25 Datasheet
77Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Yangzhou yangjie electr...
ARS25 YANGJIE-ARS25 Datasheet
756Kb / 2P
   25.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
ARS TSC-ARS Datasheet
340Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR25 TSC-AR25 Datasheet
560Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
ARS35 YANGJIE-ARS35 Datasheet
751Kb / 2P
   35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
ARS50 YANGJIE-ARS50 Datasheet
749Kb / 2P
   50.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
ARS35 TSC-ARS35 Datasheet
73Kb / 2P
   35.0 AMPS. High Current Plastic Silicon Rectifiers
ARS50 TSC-ARS50 Datasheet
73Kb / 2P
   50.0 AMPS. High Current Plastic Silicon Rectifiers
MBRS2535CT TSC-MBRS2535CT Datasheet
81Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com