Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR9016 Datasheet(PDF) 2 Page - Rohm

Part # BR9016
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9016 Datasheet(HTML) 2 Page - Rohm

  BR9016 Datasheet HTML 1Page - Rohm BR9016 Datasheet HTML 2Page - Rohm BR9016 Datasheet HTML 3Page - Rohm BR9016 Datasheet HTML 4Page - Rohm BR9016 Datasheet HTML 5Page - Rohm BR9016 Datasheet HTML 6Page - Rohm BR9016 Datasheet HTML 7Page - Rohm BR9016 Datasheet HTML 8Page - Rohm BR9016 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BR9080 / BR9080F / BR9080RFV /
Memory ICs
BR9016 / BR9016F / BR9016RFV
Pin descriptions
Fig.1
CS
SK
R / B
VCC
WC
GND
DO
DI
BR9016F : SOP8
CS
SK
DI
DO
VCC
R / B
WC
GND
BR9016 : DIP8
CS
SK
DI
DO
VCC
R / B WC GND
BR9016RFV : SSOP8
3
4
5
6
7
8
1
2
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
WC
R / B
VCC
DIP / SSOP
SOP
Pin No.
Pin name
Chip Select Control
Serial Data Clock Input
Op code, address, Serial Data Input
Ground 0V
Write Control Input
READY / BUSY Output
Power supply
Serial Data Output
Function
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
−0.3∼+7.0
V
mW
DIP8
SOP8
SSOP-B8
5001
3502
3003
−65∼+125
°C
−40∼+85
°C
VCC
Pd
Tstg
Topr
−−0.3∼VCC+0.3
V
∗1 Reduced by 5.0mW for each increase in Ta of 1°C over 25°C.
∗2 Reduced by 3.5mW for each increase in Ta of 1°C over 25°C.
∗3 Reduced by 3.0mW for each increase in Ta of 1°C over 25°C.
Supply voltage
Power dissipation
Storage temperature
Operation temperature
Input voltage
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
5.5
V
2.7
5.5
V
VIN
0
VCC
V
2.7
Power supply voltage
WRITE
READ
Input voltage


Similar Part No. - BR9016

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9016AF ROHM-BR9016AF Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016AF-W ROHM-BR9016AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016ARFV ROHM-BR9016ARFV Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016ARFV-W ROHM-BR9016ARFV-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016ARFVM ROHM-BR9016ARFVM Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9016

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com