Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD66108BP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HCD66108BP
Description  (RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HCD66108BP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HCD66108BP Datasheet HTML 1Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 2Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 3Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 4Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 5Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 6Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 7Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 8Page - Hitachi Semiconductor HCD66108BP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
954
HD66108
(RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot
Matrix Graphics)
Description
The HD66108T under control of an 8-bit MPU can drive a dot matrix graphic LCD (liquid-crystal
display) employing bit-mapped display with support of an 8-bit MPU.
Use of the HD66108T enables a simple LCD system to be configured with only a small number of chips,
since it has all the functions required for driving the display.
The HD66108T also enables highly-flexible display selection due to the bit-mapped method, in which
one bit of data in a display RAM turns one dot of an LCD panel on or off. A single HD66108T can
display a maximum of 100
× 65 dots by using its on-chip 165 × 65-bit RAM. Also, by using several
HD66108T’s, a display can be further expanded.
The HD66108T employs the CMOS process and TCP package. Thus, if used together with an MPU, it
can provide the means for a battery-driven pocket-size graphic display device utilizing the low current
consumption of LCDs.
Features
• Four types of LCD driving circuit configurations can be selected:
Configuration Type
No. of Column Outputs
No. of Row Outputs
Column outputs only
165
0
Row outputs from the left and right sides
100
65 (from left: 32, from right: 33)
Row outputs from the right side 1
100
65
Row outputs from the right side 2
132
33


Similar Part No. - HCD66108BP

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD661 GOLLEDGE-HCD661 Datasheet
63Kb / 1P
   OCXO HCMOS Output High Performance
HCD661 GOLLEDGE-HCD661 Datasheet
553Kb / 4P
   High Performance OCXO with CMOS Output and European pin-out
HCD661/DRFN GOLLEDGE-HCD661/DRFN Datasheet
63Kb / 1P
   OCXO HCMOS Output High Performance
HCD661/FTFN GOLLEDGE-HCD661/FTFN Datasheet
63Kb / 1P
   OCXO HCMOS Output High Performance
HCD661 GOLLEDGE-HCD661_18 Datasheet
553Kb / 4P
   High Performance OCXO with CMOS Output and European pin-out
More results

Similar Description - HCD66108BP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
HD66421 HITACHI-HD66421 Datasheet
180Kb / 46P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
logo
OKI electronic componet...
MSM6794 OKI-MSM6794 Datasheet
170Kb / 34P
   DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
logo
Hitachi Semiconductor
HD61202U HITACHI-HD61202U Datasheet
197Kb / 33P
   Dot Matrix Liquid Crystal GraphicDisplay Column Driver
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com