Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-CRBP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LB-CRBP
Description  SMD ceramic package with silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CRBP Datasheet(HTML) 4 Page - OSRAM GmbH

  LB-CRBP Datasheet HTML 1Page - OSRAM GmbH LB-CRBP Datasheet HTML 2Page - OSRAM GmbH LB-CRBP Datasheet HTML 3Page - OSRAM GmbH LB-CRBP Datasheet HTML 4Page - OSRAM GmbH LB-CRBP Datasheet HTML 5Page - OSRAM GmbH LB-CRBP Datasheet HTML 6Page - OSRAM GmbH LB-CRBP Datasheet HTML 7Page - OSRAM GmbH LB-CRBP Datasheet HTML 8Page - OSRAM GmbH LB-CRBP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2018-03-01
4
Version 1.7
LB CRBP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
472
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge
3) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
468
475
480
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
22
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.75
2.80
3.50
V
V
V
Real thermal resistance junction / solder point
5) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 20
(typ.)
(max.)
Rth JS real
R
th JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 20
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 20
(with efficiency η
e = 36 %)
(typ.)
(max.)
Rth JS el
Rth JS el
6.1
6.9
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LB-CRBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LB-CP7P OSRAM-LB-CP7P Datasheet
1Mb / 24P
   SMT ceramic package with silicone resin and silicone lens
LB-CPDP OSRAM-LB-CPDP Datasheet
2Mb / 22P
   SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - LB-CRBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-CN7M OSRAM-LUW-CN7M Datasheet
752Kb / 23P
   SMD ceramic package with silicone lens
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
   SMD ceramic package with silicone lens
LT-CQBP OSRAM-LT-CQBP Datasheet
964Kb / 21P
   SMD ceramic package with silicone lens
LV-CQBP OSRAM-LV-CQBP Datasheet
1,011Kb / 23P
   SMD ceramic package with silicone lens
LUW-CN7N OSRAM-LUW-CN7N Datasheet
746Kb / 23P
   SMD ceramic package with silicone lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
   SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
   SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com