Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD-W5SM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LD-W5SM
Description  white SMD package, colorless clear silicone resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-W5SM Datasheet(HTML) 5 Page - OSRAM GmbH

  LD-W5SM Datasheet HTML 1Page - OSRAM GmbH LD-W5SM Datasheet HTML 2Page - OSRAM GmbH LD-W5SM Datasheet HTML 3Page - OSRAM GmbH LD-W5SM Datasheet HTML 4Page - OSRAM GmbH LD-W5SM Datasheet HTML 5Page - OSRAM GmbH LD-W5SM Datasheet HTML 6Page - OSRAM GmbH LD-W5SM Datasheet HTML 7Page - OSRAM GmbH LD-W5SM Datasheet HTML 8Page - OSRAM GmbH LD-W5SM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LD W5SM
5 Version 1.4 | 2018-02-13
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 350 mA
I
F = 350 mA
min.
max.
Φ
E
Φ
E
4S
250 mW
280 mW
1T
280 mW
315 mW
2T
315 mW
355 mW
3T
355 mW
400 mW
4T
400 mW
450 mW
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
λ
dom
λ
dom
3
449 nm
453 nm
4
453 nm
457 nm
5
457 nm
461 nm


Similar Part No. - LD-W5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD-W5SN OSRAM-LD-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
More results

Similar Description - LD-W5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD-MVSG OSRAM-LD-MVSG Datasheet
671Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LD-W5SN OSRAM-LD-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
LT-MTSG OSRAM-LT-MTSG Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
   white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LR-W5SM OSRAM-LR-W5SM Datasheet
611Kb / 21P
   white SMD package, colorless clear silicone resin
LY-W5SM OSRAM-LY-W5SM Datasheet
645Kb / 21P
   white SMD package, colorless clear silicone resin
LT-W5SM OSRAM-LT-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com