Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRP2166 Datasheet(PDF) 9 Page - International Rectifier

Part # IRP2166
Description  PFC & BALLAST CONTROL IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRP2166 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRP2166 Datasheet HTML 5Page - International Rectifier IRP2166 Datasheet HTML 6Page - International Rectifier IRP2166 Datasheet HTML 7Page - International Rectifier IRP2166 Datasheet HTML 8Page - International Rectifier IRP2166 Datasheet HTML 9Page - International Rectifier IRP2166 Datasheet HTML 10Page - International Rectifier IRP2166 Datasheet HTML 11Page - International Rectifier IRP2166 Datasheet HTML 12Page - International Rectifier IRP2166 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
IR2166 & (PbF)
www.irf.com
9
VCC
HO
LO
UVLO+
15.6V
BALLAST TIMING DIAGRAMS
NORMAL OPERATION
UVLO-
CPH
CS
PH
RUN
UVLO
UVLO
1.3V
Over-Current Threshold
FREQ
7.5V
VCC
f
ph
f
run
RT
CT
LO
CS
HO
RPH
RT
CT
LO
CS
HO
RPH
RT
CT
LO
CS
HO
RPH


Similar Part No. - IRP2166

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRP22N50A VISHAY-IRP22N50A Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
IRP22N50APBF VISHAY-IRP22N50APBF Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
logo
CT Micro International ...
IRP2406T14-B50 CTMICRO-IRP2406T14-B50 Datasheet
946Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
   SMD Type 940nm Infrared Emitter
More results

Similar Description - IRP2166

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com