Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4430 Datasheet(PDF) 10 Page - Linear Technology

Part # LT4430
Description  Secondary-Side Optocoupler Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4430 Datasheet HTML 6Page - Linear Technology LT4430 Datasheet HTML 7Page - Linear Technology LT4430 Datasheet HTML 8Page - Linear Technology LT4430 Datasheet HTML 9Page - Linear Technology LT4430 Datasheet HTML 10Page - Linear Technology LT4430 Datasheet HTML 11Page - Linear Technology LT4430 Datasheet HTML 12Page - Linear Technology LT4430 Datasheet HTML 13Page - Linear Technology LT4430 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT4430
10
4430f
S I FOR ATIO
APPLICATIO
circuitry, especially since the gate drivers typically use a
supply voltage between 5V to 12V. The preregulator circuit
finds wide use in fully synchronous forward converters,
push-pull converters and full-bridge converters.
Generate a bias supply for a forward converter using similar
techniques to that of the flyback converter. Figure 3a to 3c
detail the three common bias circuits for the synchronous
4430 F02a
T1
N2
N1
1:N
N = N1 + N2
VOUT
COUT
*OPTIONAL SEE TEXT
LT4430
VBIAS
C1
R1*
D2
D1
••
VIN
VIN
4430 F02b
T1
1:N
VOUT
LT4430
VBIAS
COUT
C1
R1*
D2
C2
*OPTIONAL SEE TEXT
D1
R3*
R2
QBS
Z1
Figure 2a. Flyback Converter with Tapped Secondary Bias
Figure 2b. Flyback Converter with Preregulator Bias
VIN
4430 F03a
T1
1:N
VOUT
COUT
CG
*OPTIONAL SEE TEXT
L1
Q2
FG
Q1
LT4430
VBIAS
C1
R1*
D1
4430 F03b
T1
N1
N2
1:N
N = N1 + N2
VOUT
COUT
CG
*OPTIONAL SEE TEXT
L1
Q2
LT4430
VBIAS
C1
R1*
D1
••
VIN
FG
Q1
VIN
4430 F03c
T1
1:N
VOUT
LT4430
VBIAS
COUT
C1
R1*
D1
C2
CG
*OPTIONAL SEE TEXT
L1
Q2
FG
Q1
R3*
R2
QBS
Z1
Figure 3a. Typical Single-Switch Synchronous Forward
Converter with Bias Generator
Figure 3b. Single-Switch Synchronous Forward Converter
with Tapped Secondary Bias Generator
Figure 3c. Single-Switch Synchronous Forward Converter
with Preregulator Bias Generator
single-switch forward converter. In the flyback converter
of Figure 1d, the bias supply is proportional to VIN and
VOUT. However, in the forward converter, L1’s presence
decouples the bias supply from VOUT. In Figure 3a, the
bias supply equals (VIN • N – VF). In Figure 3b, the bias
supply equals (VIN • N1/N – VF). In Figure 3c, the bias
supply equals (VZ1 – VF).


Similar Part No. - LT4430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430 LINER-LT4430 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LT4430ES6 LINER-LT4430ES6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430HS6 LINER-LT4430HS6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT4430IS6 LINER-LT4430IS6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
More results

Similar Description - LT4430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Infineon Technologies A...
AUIRS1170S INFINEON-AUIRS1170S Datasheet
1,014Kb / 28P
   automotive qualified smart secondary-side driver
2016-09-03
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
   Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com