Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54073PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54073PWP
Description  2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54073PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS54073PWP Datasheet HTML 1Page - Texas Instruments TPS54073PWP Datasheet HTML 2Page - Texas Instruments TPS54073PWP Datasheet HTML 3Page - Texas Instruments TPS54073PWP Datasheet HTML 4Page - Texas Instruments TPS54073PWP Datasheet HTML 5Page - Texas Instruments TPS54073PWP Datasheet HTML 6Page - Texas Instruments TPS54073PWP Datasheet HTML 7Page - Texas Instruments TPS54073PWP Datasheet HTML 8Page - Texas Instruments TPS54073PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
6,4 mm X 9,7 mm
Typical Size
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
PVIN
PH
BOOT
PGND
VSENSE
Output
COMP
AGND
VBIAS
Voltage
Input 1
TPS54073
*
*
*
* Optional
TYPICAL APPLICATION
R = 1.5
L
W
V
= 1.5 V
(core)
VI/O = 3.3 V
t - Time - 5 ms/div
START-UP WAVEFORM
WITH 3 PRECHARGE DIODES
VIN
Voltage
Input 2
TPS54073
SLVS547 – FEBRUARY 2005
2.2 – 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER
WITH DISABLED SINKING DURING START-UP
8-m
Ω MOSFET Switches for High Efficiency at
As a member of the SWIFT™family of dc/dc regu-
14.5-A Peak Output Current
lators, the TPS54073 low-input voltage high-output
current synchronous buck PWM converter integrates
Separate Low-Voltage Power Bus
all required active components. Included on the
Disabled Current Sinking During Start-Up
substrate with the listed features are a true, high
Adjustable Output Voltage Down to 0.9 V
performance, voltage error amplifier that enables
maximum performance and flexibility in choosing the
Wide PWM Frequency: Fixed 350 kHz, 550 kHz
output
filter
L
and
C
components;
an
or Adjustable 280 kHz to 700 kHz
undervoltage-lockout circuit to prevent start-up until
Synchronizable to 700 kHz
the input voltage reaches 3 V; an internally or
Load Protected by Peak Current Limit and
externally
set
slow-start
circuit
to
limit
in-rush
Thermal Shutdown
currents; and a power good output useful for
processor/logic reset, fault signaling, and supply se-
Integrated Solution Reduces Board Area and
quencing.
Total Cost
For reliable power up in output precharge appli-
cations, the TPS54073 is designed to only source
current during start-up.
Low-Voltage, High-Density Distributed Power
Systems
The TPS54073 is available in a thermally enhanced
Point of Load Regulation for High-
28-pin TSSOP (PWP) PowerPAD™ package, which
Performance DSPs, FPGAs, ASICs, and
eliminates bulky heatsinks. TI provides evaluation
Microprocessors
modules and the SWIFT™ designer software tool to
aid in quickly achieving high-performance power
Broadband, Networking, and Optical
supply designs to meet aggressive equipment devel-
Communications Infrastructure
opment cycles
Power PC Series Processors
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54073PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073PWP TI1-TPS54073PWP Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPG4 TI1-TPS54073PWPG4 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPR TI1-TPS54073PWPR Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPRG4 TI1-TPS54073PWPRG4 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54073PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073 TI1-TPS54073_16 Datasheet
666Kb / 25P
[Old version datasheet]   2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI1-TPS54873_16 Datasheet
707Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com