Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC3637EMSE Datasheet(HTML) 6 Page - Linear Technology

Part No. LTC3637EMSE
Description  High Efficiency 76V, 1A Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC3637EMSE Datasheet(HTML) 6 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
6
dc2056af
DEMO MANUAL DC2056A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C1
CAP, 47µF 20% 100V ALUM
NIPPON CHEMI-CON EMVY101ARA470MKE0S
2
1
C2
CAP, 2220 4.7µF 20% 100V X7R
TDK C5750X7R2A475M
3
1
C3
CAP, 0603 47pF 5% 50V C0G
AVX 06035A470JAT2
4
1
C4
CAP, 0603 47nF 10% 25V X7R
AVX 06033C473KAT
5
2
C6, C7
CAP, 1210 100µF 20% 10V X5R
MURATA GRM32ER61A107ME20L
6
1
C9
CAP, 0603 0.1µF 10% 25V X7R
AVX 06033C104KAT2A
7
1
D1
DIODE, SUPER BARRIER RECTIFIER
DIODES INC. SBR3U100LP
8
1
L1
IND, 10µH 30% 4.45A SMD
SUMIDA CDRH105RNP-100NC
9
1
R1
RES, 0603 1M 5% 1/10W
NIC NRC06J105TRF
10
1
R4
RES, 0603 255k 1% 1/10W
VISHAY CRCW0603255KFKEA
11
2
R5, R6
RES, 0603 0Ω JUMPER
VISHAY CRCW06030000Z0EA
12
1
U1
IC, HIGH EFFICIENCY STEP-DOWN CONVERTER
LINEAR TECH. LTC3637EMSE
Additional Demo Board Circuit Components
1
0
C8, C10, C11
CAP, 1210 OPTION
OPTION
2
0
R2, R3, R7
RES, 0603 OPTION
OPTION
Hardware
1
5
E1, E2, E3, E4, E5
TURRET
MILL MAX 2501-2-00-80-00-00-07-0
2
3
JP1, JP2, JP3
HEADER, 3-PIN, 2mm
SAMTEC TMM-103-02-L-S
3
3
JP1, JP2, JP3
SHUNT, 2mm
SAMTEC 2SN-BK-G


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn