Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC3637EMSE Datasheet(HTML) 1 Page - Linear Technology

Part No. LTC3637EMSE
Description  High Efficiency 76V, 1A Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC3637EMSE Datasheet(HTML) 1 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
1
dc2056af
DEMO MANUAL DC2056A
DESCRIPTION
LTC3637EMSE
High Efficiency 76V, 1A
Step-Down Converter
Demonstration circuit 2056A is a 76V input, 1A output
DC/DC power supply featuring the LTC®3637. The IC oper-
atesinahighefficiencyBurstMode®operationandincludes
an internal high side power MOSFET. The board will accept
an input voltage between 4V and 76V, and provide jumper
selected output voltages of 1.8V, 3.3V, 5V and an option
for additional voltages. The IC includes internal soft-start
and a provision for increasing soft-start time.
Included on the board is an ON/OFF jumper that can also
be configured as a precision undervoltage lockout.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
PERFORMANCE SUMMARY
Output voltage between 800mV and VIN can be pro-
grammed using optional resistors. (Higher voltage rating
output capacitors may be required.)
TheLTC3637datasheetgivesacompletedescriptionofthe
IC operation and application information. The data sheet
must be read in conjunction with this quick start guide.
Design files for this circuit board are available at
http://www.linear.com/demo
Specifications are at TA = 25°C
PARAMETER
CONDITION
VALUE
Input Voltage Range
4V to 76V
1.8V Output Voltage
VIN = 12V, IOUT = 0A to 1A
1.8V ±2%
3.3V Output Voltage
VIN = 12V, IOUT = 0A to 1A
3.3V ±2%
5V Output Voltage
VIN = 12V, IOUT = 0A to 1A
5V ±2%
Maximum Output Current, IOUT
VIN = 4V to 76V, VOUT = 1.8V, 3.3V or 5V
1A
Typical Efficiency
VIN = 12V, VOUT = 5V, IOUT = 1A
85.5%
Typical Output Ripple
VIN = 76V, VOUT = 5V, IOUT = 1A (20MHz BW)
109mVP-P


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn