Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTC3637EMSE Datasheet(HTML) 2 Page - Linear Technology

Part No. LTC3637EMSE
Description  High Efficiency 76V, 1A Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC3637EMSE Datasheet(HTML) 2 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
2
dc2056af
DEMO MANUAL DC2056A
QUICK START PROCEDURE
Demonstration circuit 2056A is easy to set up to evaluate
the performance of the LTC3637. Refer to Figure 1 for
the proper measurement equipment setup and follow the
procedure below:
1. With power off, connect the input power supply (set
for 0V) to VIN and GND (input return).
2. Select 5V output using jumper JP1 (B position) and
JP2 (A position). Select ON position for JP3.
3. Connect the 5V output load between VOUT and GND
(Initial load: no load).
4. Connect the DVMs to the input and outputs.
5. Turn on the input power supply and slowly increase to
12V. Check for the proper output voltages. (5V output
should be within 5V ±2%.)
6. Once the proper output voltages are established, ad-
just the loads within the operating range and observe
the output voltage regulation, ripple voltage and other
parameters.
7. With power off, move jumpers JP1 and JP2 to the other
fixed voltage settings (1.8V or 3.3V). Repeat steps 5
and 6. Check for the proper out-put voltage and other
parameters.
Note: When measuring the output or input voltage ripple,
do not use the long ground lead on the oscilloscope probe.
See Figure 2 for the proper scope probe technique. Short,
stiff leads need to be soldered to the (+) and (–) terminals
of an output capacitor. The probe’s ground ring needs to
touch the (–) lead and the probe tip needs to touch the
(+) lead.
Additional Notes
1. CAUTION: Be careful when testing with high voltage.
High voltage can result in an electric shock if care
is not taken.
2. For 5V output, VIN input voltage should be at least 5V
or higher.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn