Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3887EUJ Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3887EUJ
Description  Step-Down DC/DC Controller with Digital Power System Management
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3887EUJ Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3887EUJ Datasheet HTML 3Page - Linear Technology LTC3887EUJ Datasheet HTML 4Page - Linear Technology LTC3887EUJ Datasheet HTML 5Page - Linear Technology LTC3887EUJ Datasheet HTML 6Page - Linear Technology LTC3887EUJ Datasheet HTML 7Page - Linear Technology LTC3887EUJ Datasheet HTML 8Page - Linear Technology LTC3887EUJ Datasheet HTML 9Page - Linear Technology LTC3887EUJ Datasheet HTML 10Page - Linear Technology LTC3887EUJ Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
dc2263afa
DEMO MANUAL
DC2263A-A/DC2263A-B
d. If you want to change the output voltage to a different
value, like 1.5V. In the Config tab, type in 1.5 in the
VOUT_COMMAND box, like this:
Then, click the “W” (PC to RAM) icon to write these
registervaluestotheLTC3887.Afterfinishingthisstep,
you will see the output voltage will change to 1.5V.
If the write is successful, you will see the following
message:
e. You can save the changes into the NVM. In the tool
bar, click “RAM to NVM” button, as following
f. Save the demo board configuration to a (*.proj) file.
ClicktheSaveiconandsavethefilewithanewfilename.
LTpowerPlay QUICK START PROCEDURE


Similar Part No. - LTC3887EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
   Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
More results

Similar Description - LTC3887EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Linear Technology
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
   60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880EUJ LINER-LTC3880EUJ Datasheet
3Mb / 14P
   3-Phase Step-Down DC/DC Controller with Power System Management
logo
Analog Devices
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com