Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

T110D107K020AT Datasheet(HTML) 1 Page - Kemet Corporation

Part No. T110D107K020AT
Description  Tantalum, MnO2 Tantalum, Commercial Grade, T110, 100 uF, 10%, 20 V, 600 mOhms
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T110D107K020AT Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
Generated 6/15/2017 - 6394bfaa-0258-40a5-98bd-27381b685e7f
KEMET Part Number: T110D107K020AT
Tantalum, MnO2 Tantalum, Commercial Grade, T110, 100 uF, 10%, 20 V, 600 mOhms
Dimensions
D
8.92mm +/-0.25mm
L
19.96mm +/-0.79mm
L2
23.42mm
LL
38.1mm +/-6.35mm
F
0.64mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Tray
Packaging Quantity: 20
General Information
Dielectric: MnO2 Tantalum
Style: Axial Hermetic
Series: T110
Description:
Axial, Solid Tantalum,
Hermetically Sealed, Military
(Non-ER), Polar
Features: Polar
RoHS: Yes
Termination: Tin
Lead: Wire Leads, Uninsulated
Construction: Hermetic
Notes:
When Supplied On T&R
Or Ammo, Lead Length
Is Determined By Taping
Specification
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 10%
Voltage DC: 20 VDC (85C), 16 VDC (125C
Surge), 0.2 V (125C Reverse)
Temperature Range: -55/+125C
Rated Temperature: 85C
Resistance: 0.6 Ohms (100kHz)
Leakage Current: 10 uAmps (25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn