Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV126APWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LV126APWG4
Description  QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV126APWG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV126APWG4 Datasheet HTML 1Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 2Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 3Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 4Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 5Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 6Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 7Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 8Page - Texas Instruments SN74LV126APWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54LV126A, SN74LV126A
QUADRUPLE BUS BUFFER GATES
WITH 3STATE OUTPUTS
SCES131H − MARCH 1998 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV126A
SN74LV126A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
7.1*
13*
1*
15.5*
1
15.5
ten
OE
Y
CL = 15 pF
7.4*
13*
1*
15.5*
1
15.5
ns
tdis
OE
Y
CL = 15 pF
5.7*
14.7*
1*
17*
1
17
ns
tpd
A
Y
9.2
16.5
1
18.5
1
18.5
ten
OE
Y
CL = 50 pF
9.5
16.5
1
18.5
1
18.5
ns
tdis
OE
Y
CL = 50 pF
8.1
18.2
15
20.5
1
20.5
ns
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV126A
SN74LV126A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
5*
8*
1*
9.5*
1
9.5
ten
OE
Y
CL = 15 pF
5.1*
8*
1*
9.5*
1
9.5
ns
tdis
OE
Y
CL = 15 pF
4.4*
9.7*
1*
11.5*
1
11.5
ns
tpd
A
Y
6.4
11.5
1
13
1
13
ten
OE
Y
CL = 50 pF
6.6
11.5
1
13
1
13
ns
tdis
OE
Y
CL = 50 pF
6.1
13.2
1
15
1
15
ns
tsk(o)
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV126A
SN74LV126A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
3.5*
5.5*
1*
6.5*
1
6.5
ten
OE
Y
CL = 15 pF
3.6*
5.1*
1*
6*
1
6
ns
tdis
OE
Y
CL = 15 pF
3.3*
6.8*
1*
8*
1
8
ns
tpd
A
Y
4.6
7.5
1
8.5
1
8.5
ten
OE
Y
CL = 50 pF
4.6
7.1
1
8
1
8
ns
tdis
OE
Y
CL = 50 pF
4.3
8.8
1
10
1
10
ns
tsk(o)
1
1
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV126APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV126APWG4 TI-SN74LV126APWG4 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results

Similar Description - SN74LV126APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com