Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4229
Description  Single Ideal Diode and Hot Swap Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 6 Page - Linear Technology

  LTC4229 Datasheet HTML 1Page - Linear Technology LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc2060af
DEMO MANUAL DC2060A
parts list
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1
5
C1, C5, C6, C8, C10
CAP., X7R, 0.1µF, 50V, 0603
AVX, 06035C104KAT2A
2
0
C2, C3
CAP., ALUMINUM, 100µF 50V, OPT
SUN ELECT., 50CE100BS
3
1
C4
CAP., X7R, 10nF, 50V, 0603
AVX, 06035C103KAT2A
4
2
C7, C9
CAP., X7R, 0.1µF, 16V, 5%, 0603
AVX, 0603YC104JAT2A
5
1
C11
CAP., X7R, 1µF, 16V, 10%, 0603
AVX, 0603YC105KAT2A
6
1
D1
DIODE, VOLTAGE SUPP. 19V 5%, SMA-DIODE
VISHAY, SMAJ17A-E3
7
2
D2, D4
LED, SMT RED
ROHM, SML-010VTT86L
8
2
D3, D5
LED, SMT GREEN
ROHM, SML-010FTT86L
9
0
D6
DIODE, CMHZ4706, SOD123
OPT
10
5
E1, E2, E3, E4, E5
TP, .094"
MILL-MAX, 2501-2-00-80-00-00-07-0
11
11
E6-E16
TP, .064"
MILL-MAX, 2308-2-00-80-00-00-07-0
12
1
JP1
JMP, HD2X3, .079CC
SULLINS, NRPN032PAEN-RC
13
8
JP2-JP9
JMP, HD1X3, .079CC
SULLINS, NRPN031PAEN-RC
14
5
J1, J2, J3, J4, J5
JACK, BANANA
KEYSTONE, 575-4
15
0
Q1, Q4, Q5
MOSFET, N-CH, 30V, SiR158DP, SO8-POWERPAK
OPT
16
2
Q2, Q3
MOSFET, N-CH, 30V, SO8-POWERPAK
VISHAY, SiR158DP-T1-GE3
17
1
RS1
RES., CHIP, 0.0025Ω,3/4W,1%, 2010
VISHAY, WSL20102L5000FEA
18
0
RS2
RES., CHIP, 0.003Ω,3/4W,1%, 2010, OPT
OPT
19
2
R1, R4
RES., CHIP,10Ω, 1%, 0603
VISHAY, CRCW060310R0FKEA
20
1
R2
RES., CHIP, 0Ω, 3/4W, 2010
VISHAY, CRCW20100000FKEF
21
1
R3
RES., CHIP, 1k, 5%, 0603
VISHAY, CRCW06031K00JKEA
22
3
R5, R6, R18
RES., CHIP, 2k, 1%, 0603
VISHAY, CRCW06032K00FKEA
23
1
R7
RES., CHIP, 4.87k, 1%, 0603
VISHAY, CRCW06034K87FKEA
24
1
R8
RES., CHIP, 15k, 1%, 0603
VISHAY, CRCW060315K0FKEA
25
4
R9, R10, R11, R12
RES., CHIP, 3k, 1%, 0805
VISHAY, CRCW08053K00FKEA
26
1
R13
RES., CHIP, 20k, 1%, 0603
VISHAY, CRCW060320K0FKEA
27
2
R14, R21
RES., CHIP, 0Ω, 1/16W, 0603
VISHAY, CRCW06030000Z0EDA
28
1
R15
RES., CHIP, 56.2k, 1%, 0603
VISHAY, CRCW060356K2FKEA
29
1
R16
RES., CHIP, 21.5k, 1%, 0603
VISHAY, CRCW060321K5FKEA
30
1
R17
RES., CHIP, 1.1k, 1%, 0603
VISHAY, CRCW06031K10FKEA
31
0
R19, R22
RES., CHIP, 0Ω, 0603
OPT
32
0
R20
RES., CHIP, 10Ω, 0603
OPT
33
1
U1
IC., Hot Swap, QFN24UFD-4X5
LINEAR TECH., LTC4229IUFD
34
9
SHUNTS (SEE ASSY DWG) SHUNT, 0.079" CENTER
SAMTEC, 2SN-BK-G
35
4
MH1-MH4
STANDOFF, NYLON, 0.50, 1/2"
KEYSTONE, 8833 (SNAP ON)
36
2
STENCILS FOR BOTH SIDES
STENCIL DC2060A-2


Similar Part No. - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com