Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4229
Description  Single Ideal Diode and Hot Swap Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 4 Page - Linear Technology

  LTC4229 Datasheet HTML 1Page - Linear Technology LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc2060af
DEMO MANUAL DC2060A
operating principles
Demonstration circuit DC2060A can be easily set up to
evaluatetheperformanceoftheLTC4229.RefertoFigure1
for proper measurement equipment setup and follow the
procedure below.
Hot Swap Functionality Test
Initially the jumpers should be installed in the following
positions:
JP1 (FB_SEL) 12V
JP2 (DS_SEL) SENSE+
JP3 (DSTAT_SEL) NC
JP4 (VIN_SEL) VS+
JP5 (DEBOUNCE) ADJ
JP6 (RETRY) LATCH
JP7 (EN_SEL) DIS_EXT
JP8 (DC_CFG) 1-DIODE
JP9 (DIODE_OFF) ON
The test is performed by measuring the parameters in the
three different operation modes:
• Power-up with no load connected
• Currentlimitoperationaftersuccessfulpower-upmode
• Power-up with a shorted output
Quick start proceDure
Table 1. Configuration Table
SIDE
NUMBER
CONFIGURATION
JUMPER POSITION
Top Board Side
1
D(Q2)
IN
OUT
DSNS = SENSE+
SENSE
HS(Q3)
RS1
JP8 = 1-DIODE
JP2 = SENSE+
2
D(Q2)
IN
SENSE+
SENSE
DSNS = OUT
HS(Q3)
RS1
JP8 = 3-COMP
JP2 = OUT
Bottom Board Side
3
D(Q5)
IN = SENSE+
SENSE
DSNS = OUT
HS(Q4)
RS2
JP8 = 3-COMP
JP2 = OUT
4
D(Q5)
SENSE+
SENSE
DSNS = OUT
IN
HS(Q4)
RS2
JP8 = 1-DIODE
JP2 = OUT


Similar Part No. - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com