Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8622912PSC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8622912PSC
Description  NTSC LINE 21 CCD DECODER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8622912PSC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8622912PSC Datasheet HTML 1Page - Zilog, Inc. Z8622912PSC Datasheet HTML 2Page - Zilog, Inc. Z8622912PSC Datasheet HTML 3Page - Zilog, Inc. Z8622912PSC Datasheet HTML 4Page - Zilog, Inc. Z8622912PSC Datasheet HTML 5Page - Zilog, Inc. Z8622912PSC Datasheet HTML 6Page - Zilog, Inc. Z8622912PSC Datasheet HTML 7Page - Zilog, Inc. Z8622912PSC Datasheet HTML 8Page - Zilog, Inc. Z8622912PSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
#   
4'.+/+0#4; 41&7%6
#2'%+(+%#6+10
<
065% .+0'  %%& &'%1&'4
('#674'5
Complete Stand-Alone Line 21 Decoder for Closed-
Captioned and Extended Data Services (XDS)
Preprogrammed to Provide Full Compliance with
EIA–608 Specifications for Extended Data Services
Automatic Extraction and Serial Output of Special
XDS Packets (Time of Day, Local Time Zone, and
Program Blocking)
Programmable XDS Filter for a Specific XDS Packet
Cost-Effective Solution for NTSC Violence Blocking
inside Picture-in-Picture (PiP) Windows
Minimal Communications and Control Overhead Pro-
vide Simple Implementation of Violence Blocking,
Closed Captioning, and Auto Clock Set Features
Programmable, On-Screen Display (OSD) for Creat-
ing Full Screen OSD or Captions inside a Picture-in-
Picture (PiP) Window
User-Programmable Horizontal Display Position for
easy OSD Centering and Adjustment
I2C Serial Data and Control Communication
Supports 2 Selectable I
2C Addresses
)'0'4#. &'5%4+26+10
Capable of processing Vertical Blanking Interval (VBI)
data from both fields of the video frame in data, the Z86229
Line 21 Decoder offers a feature-rich solution for any tele-
vision or set-top application. The robust nature of the
Z86229 helps the device conform to the transmission format
defined in the Television Decoder Circuits Act of 1990, and
in accordance with the Electronics Industry Association
specification 608 (EIA–608).
The Line 21 data stream can consist of data from several data
channels multiplexed together. Field 1 consists of four data
channels: two Captions and two Texts. Field 2 consists of
five additional data channels: two Captions, two Texts, and
Extended Data Services (XDS). The XDS data structure is
defined in EIA–608. The Z86229 can recover and display
data transmitted on any of these nine data channels.
The Z86229 can recover and output to a host processor via
the I2C serial bus. The recovered XDS data packet is further
defined in the EIA–608 specification. The on-chip XDS fil-
ters in the Z86229 are fully programmable, enabling recov-
ery of only those XDS data packets selected by the user. This
functionality allows the device to extract the required XDS
information with proper XDS filter setup for compatibility
in a variety of TVs, VCRs, and Set-Top boxes.
In addition, the Z86229 is ideally suited to monitor Line 21
video displayed in a PiP window for violence blocking,
CCD, and other XDS data services. A block diagram of the
Z86229 is illustrated in Figure 1.
#WVQOCVKE&CVC 'ZVTCEVKQP
&GXKEGU
5RGGF
/*\
2KP %QWPV
2CEMCIG6[RGU
5VCPFCTF
6GOR 4CPIG
1P 5ETGGP &KURNC[
%NQUGF %CRVKQPKPI
2TQITCO
4CVKPI
6KOGQH&C[
<

2KP &+2 51+%
% VQ
%
;GU
;GU
;GU


Similar Part No. - Z8622912PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z8622912PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
Z86129 ZILOG-Z86129 Datasheet
927Kb / 50P
   NTSC LINE 21 DECIDER
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com